Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXE Datasheet (PDF) - TDK Electronics

PXE Datasheet PDF - TDK Electronics
Part # PXE
Download  PXE Download
File Size   993.53 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 20-30W Single and Dual Output DC-DC Converters

PXE Datasheet (PDF)

Go To PDF Page Download Datasheet
PXE Datasheet PDF - TDK Electronics

Part # PXE
Download  PXE Click to download

File Size   993.53 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 20-30W Single and Dual Output DC-DC Converters

PXE Datasheet (HTML) - TDK Electronics


PXE Product details

Features
 Industry Standard 2” x 1.6” Footprint
 Six Sided Shielding
 Agency Approved
 12V, 24V and 48V Inputs
 UL, CSA, EN, CE approvals
 Wide range input




Similar Part No. - PXE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXE TDK-PXE Datasheet
596Kb / 2P
20-30W Single and Dual Output DC-DC Converters
Jul 2016
logo
Infineon Technologies A...
PXE1110 INFINEON-PXE1110 Datasheet
1Mb / 20P
VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
June, 2020 RevA
PXE1110C INFINEON-PXE1110C Datasheet
1Mb / 20P
VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
June, 2020 RevA
PXE1110CDM INFINEON-PXE1110CDM Datasheet
1Mb / 20P
VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
June, 2020 RevA
PXE1310 INFINEON-PXE1310 Datasheet
1Mb / 20P
VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
June, 2020 RevA
More results


Similar Description - PXE

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Chinfa Electronics Ind....
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RW MPD-F2500RW Datasheet
235Kb / 2P
2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
Chinfa Electronics Ind....
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
logo
TDK Electronics
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
Single and Dual Output 20W to 30W DC-DC Converters
logo
Chinfa Electronics Ind....
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com