Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2682 Datasheet (PDF) - B&K Precision Corporation

2682 Datasheet PDF - B&K Precision Corporation
Part # 2682
Download  2682 Download
File Size   3344.73 Kbytes
Page   6 Pages
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation
Description Spectrum Analyzers

2682 Datasheet (PDF)

Go To PDF Page Download Datasheet
2682 Datasheet PDF - B&K Precision Corporation

Part # 2682
Download  2682 Click to download

File Size   3344.73 Kbytes
Page   6 Pages
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation
Description Spectrum Analyzers

2682 Datasheet (HTML) - B&K Precision Corporation


2682 Product details

Features & benefits
n Frequency range: 9 kHz to 2.1 or 3.2 GHz
n High Sensitivity -161 dBm/Hz displayed average
noise level (DANL)
n Low phase noise of -98 dBc/Hz @ 10 kHz
offset
n Low level uncertainty of ±0.7 dB
n 1 Hz minimum resolution bandwidth (RBW)
n Preamplifier and tracking generator standard
on all models
n 10.1” wide-screen 1024 x 600 color display
n LAN and USBTMC connectivity
n USB host port to store and recall waveform
data, setups, and screen captures




Similar Part No. - 2682

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
2682 BK-2682 Datasheet
3Mb / 6P
Spectrum Analyzers
logo
Abbatron All Rights Res...
2682 ABBATRON-2682 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2682 ADAFRUIT-2682 Datasheet
240Kb / 3P
NETduino 3
logo
Weidmuller
2682130000 WEIDMULLER-2682130000 Datasheet
152Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021
2682140000 WEIDMULLER-2682140000 Datasheet
155Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021
More results


Similar Description - 2682

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
LOGIC ANALYZERS
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
EMC Analyzers
8560EC HP-8560EC Datasheet
370Kb / 12P
Spectrum Analyzers
E4443A HP-E4443A Datasheet
255Kb / 25P
Agilent PSA Series Spectrum Analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
Network Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
Chemical analyzers
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
Portable Logic Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
Spectrum Analyzers Datasheet
logo
B&K Precision Corporati...
2650A BK-2650A Datasheet
536Kb / 8P
Handheld Spectrum Analyzers
2680 BK-2680 Datasheet
3Mb / 6P
Spectrum Analyzers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com