Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20479 Datasheet (PDF) - Analog Devices

MAX20479 Datasheet PDF - Analog Devices
Part # MAX20479
Download  MAX20479 Download
File Size   208.57 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two/Three-Input Automotive Voltage Monitor with Watchdog

MAX20479 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20479 Datasheet PDF - Analog Devices

Part # MAX20479
Download  MAX20479 Click to download

File Size   208.57 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two/Three-Input Automotive Voltage Monitor with Watchdog

MAX20479 Datasheet (HTML) - Analog Devices


MAX20479 Product details

Features
●Small Solution
•2.35V to 5.50V Operating Supply Voltage•Only One External Component Required
•125μA Operating Current
●High Precision
•Selectable 102.5% to 110% OV Monitors
•Selectable 97.5% to 90% UV Monitors
•±0.8% Accuracy
•0.5% Step Size
•ASIL B Compliance
●Highly Integrated
•MAX20479A/C - Two Voltage Monitoring Inputs
•MAX20479B/D - Three Voltage Monitoring Inputs•Windowed Watchdog
•OTP Configuration with Error-Correcting Code
•Programmable RESET1 and RESET2 Pins
●10-Pin, Side-Wettable TDFN with Exposed Pad (3mmx 3mm) (Two Different Package Options)
●AEC-Q100 Qualified
●-40°C to +125°C Operating Temperature




Similar Part No. - MAX20479

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2047 MAXIM-MAX2047 Datasheet
571Kb / 10P
Fully Assembled and Tested
Rev 0a; 4/03
MAX20471 MAXIM-MAX20471 Datasheet
111Kb / 2P
3.0V to 4.0V Operating Supply Voltage
MAX20471EVKIT MAXIM-MAX20471EVKIT Datasheet
111Kb / 2P
3.0V to 4.0V Operating Supply Voltage
MAX20472 MAXIM-MAX20472 Datasheet
1Mb / 6P
Evaluation Kit
Rev 2; 12/20
MAX20472EVKIT MAXIM-MAX20472EVKIT Datasheet
111Kb / 2P
3.0V to 4.0V Operating Supply Voltage
More results


Similar Description - MAX20479

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
5V Automotive Regulator with Inhibit Input and Windowed Watchdog
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Linear Technology
LTC2960 LINER-LTC2960 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2960 LINER-LTC2960_15 Datasheet
316Kb / 18P
36V Nano-Current Two-Input Voltage Monitor
logo
Texas Instruments
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
Voltage Monitor With Watchdog Timer
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com