Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3802 Datasheet (PDF) - Analog Devices

MAX3802 Datasheet PDF - Analog Devices
Part # MAX3802
Download  MAX3802 Download
File Size   2220.33 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver

MAX3802 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3802 Datasheet PDF - Analog Devices

Part # MAX3802
Download  MAX3802 Click to download

File Size   2220.33 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver

MAX3802 Datasheet (HTML) - Analog Devices


MAX3802 Product details

Features
●● Single 3.3V Operation
●● Four Independent Equalizers and Drivers
●● 725mW at 3.3V Typical Power Dissipation
●● Data Rates Up to 3.2Gbps
●● Equalizer Automatically Adjusts for Different Cable
Lengths
●● 0 to 30dB Equalization at 1.6GHz (3.2Gbps)
●● Loss-of-Signal (LOS) Indicator
●● On-Chip Input and Output Terminations
●● Low External Component Count
●● 0°C to +85°C Operating Temperature Range
●● ESD Protection on Cable Inputs and Outputs




Similar Part No. - MAX3802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3802 MAXIM-MAX3802 Datasheet
830Kb / 12P
3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
MAX3802UGK MAXIM-MAX3802UGK Datasheet
830Kb / 12P
3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
More results


Similar Description - MAX3802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3800 MAXIM-MAX3800 Datasheet
349Kb / 13P
3.2Gbps Adaptive Equalizer and Cable Driver
19-1953; Rev 1; 11/01
MAX3802 MAXIM-MAX3802 Datasheet
830Kb / 12P
3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
Adaptive Cable Equalizer
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
Configurable Adaptive Cable Equalizer/Cable Driver
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
logo
Maxim Integrated Produc...
MAX3801 MAXIM-MAX3801 Datasheet
1Mb / 10P
3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com