Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP70H300G4JSGB Datasheet (PDF) - Renesas Technology Corp

TP70H300G4JSGB Datasheet PDF - Renesas Technology Corp
Part # TP70H300G4JSGB
Download  TP70H300G4JSGB Download
File Size   839.17 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V SuperGaN® GaN FET in PQFN (source tab)

TP70H300G4JSGB Datasheet (PDF)

Go To PDF Page Download Datasheet
TP70H300G4JSGB Datasheet PDF - Renesas Technology Corp

Part # TP70H300G4JSGB
Download  TP70H300G4JSGB Click to download

File Size   839.17 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V SuperGaN® GaN FET in PQFN (source tab)

TP70H300G4JSGB Datasheet (HTML) - Renesas Technology Corp


TP70H300G4JSGB Product details

Description
The TP70H300G4JSGB 700V, 240mΩ Gallium Nitride (GaN) FET is a normally-off device that uses Renesas’ Gen IV platform. It combines a state-of-theart high-voltage GaN HEMT with a low-voltage silicon MOSFET to offer superior reliability and performance.
The Gen IV SuperGaN® platform uses advanced epi and patented design technologies to simplify manufacturability while improving efficiency over silicon via lower gate charge, output capacitance, crossover loss, and reverse recovery charge.

Features
■ Gen IV technology
■ JEDEC-qualified GaN technology
■ Dynamic RDS(on)eff production tested
■ Robust design, defined by
● Transient over-voltage capability
● Operation with E-mode gate drivers without need for Zener protection.
■ Very low QRR
■ Reduced crossover loss
■ RoHS compliant and Halogen-free packaging
■ 2 kV HBM ESD rating

Applications
■ Consumer
■ Power adapters
■ Low power SMPS
■ Lighting




Similar Part No. - TP70H300G4JSGB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TP70H300G4JSGB RENESAS-TP70H300G4JSGB Datasheet
913Kb / 13P
700V SuperGaN® GaN FET in PQFN 5 × 6 Industry Standard Package (source tab)
Nov 21, 2025
TP70H300G4JSGB-TR RENESAS-TP70H300G4JSGB-TR Datasheet
913Kb / 13P
700V SuperGaN® GaN FET in PQFN 5 × 6 Industry Standard Package (source tab)
Nov 21, 2025
TP70H300G4JSGB RENESAS-TP70H300G4JSGB_V01 Datasheet
913Kb / 13P
700V SuperGaN® GaN FET in PQFN 5 × 6 Industry Standard Package (source tab)
Nov 21, 2025
More results


Similar Description - TP70H300G4JSGB

ManufacturerPart #DatasheetDescription
logo
Transphorm Inc
TP65H070G4LSG TRANSPHORM-TP65H070G4LSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 24, 2023
TP65H070G4LSGB TRANSPHORM-TP65H070G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Nov. 7, 2023
TP65H070G4PS TRANSPHORM-TP65H070G4PS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Dec. 4, 2023
TP65H070G4RS TRANSPHORM-TP65H070G4RS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 31, 2023
TP65H150BG4JSG TRANSPHORM-TP65H150BG4JSG Datasheet
988Kb / 12P
650V SuperGaN GaN FET in PQFN (source tab)
November 7, 2023
TP65H150G4LSG TRANSPHORM-TP65H150G4LSG Datasheet
1Mb / 12P
650V SuperGaN GaN FET in PQFN (source tab)
September 12, 2023
TP65H150G4LSGB TRANSPHORM-TP65H150G4LSGB Datasheet
1,019Kb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 31, 2023
TP65H300G4JSGB TRANSPHORM-TP65H300G4JSGB Datasheet
1,023Kb / 13P
650V SuperGaN® GaN FET in PQFN (source tab)
Apr. 12, 2023
TP65H300G4LSGB TRANSPHORM-TP65H300G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 30, 2023
TP65H480G4JSG TRANSPHORM-TP65H480G4JSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
September 12, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com