Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT100GH120J Datasheet (PDF) - Microchip Technology

APT100GH120J Datasheet PDF - Microchip Technology
Part # APT100GH120J
Download  APT100GH120J Download
File Size   764.67 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200 V, 100 A Fast Field-Stop IGBT 7

APT100GH120J Datasheet (PDF)

Go To PDF Page Download Datasheet
APT100GH120J Datasheet PDF - Microchip Technology

Part # APT100GH120J
Download  APT100GH120J Click to download

File Size   764.67 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200 V, 100 A Fast Field-Stop IGBT 7

APT100GH120J Datasheet (HTML) - Microchip Technology


APT100GH120J Product details

Features
• Low conduction loss and saturation voltage
• Fast switching
• Low gate charge
• Ultrafast tail current shutoff
• Reverse-bias safe operating area (RBSOA) rated
• Easy to parallel
• RoHS compliant
• Isolated voltage to 2500 V, UL certified file E145592




Similar Part No. - APT100GH120J

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
APT100GH120JSC50 MICROCHIP-APT100GH120JSC50 Datasheet
816Kb / 14P
1200 V, 100 A Fast Field-Stop IGBT 7 with SiC Diode
12/2025
More results


Similar Description - APT100GH120J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
600 V, 40 A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
600 V, 20 A Field Stop IGBT
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
1200 V, 25 A Field Stop Trench IGBT
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
1200 V, 40 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
7 A, 1200 V very fast IGBT with ultrafast diode
25-Jan-2011
logo
ON Semiconductor
AFGY100T65SPD ONSEMI-AFGY100T65SPD Datasheet
252Kb / 9P
Field Stop Trench IGBT with Soft Fast Recovery Diode 100A, 650V
July, 2020 ??Rev. 0
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
STMicroelectronics
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com