Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6520 Datasheet (PDF) - ON Semiconductor

2N6520 Datasheet PDF - ON Semiconductor
Part # 2N6520
Download  2N6520 Download
File Size   327.08 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PNP Epitaxial Silicon Transistor

2N6520 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6520 Datasheet PDF - ON Semiconductor

Part # 2N6520
Download  2N6520 Click to download

File Size   327.08 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PNP Epitaxial Silicon Transistor

2N6520 Datasheet (HTML) - ON Semiconductor


2N6520 Product details

Features
• High Voltage Transistor
• Collector-Emitter Voltage: VCBO = -350 V
• Collector Dissipation: PC (max) = 625 mW
• Complement to 2N6517




Similar Part No. - 2N6520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6520 ONSEMI-2N6520 Datasheet
229Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
logo
Zetex Semiconductors
2N6520 ZETEX-2N6520 Datasheet
27Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Samsung semiconductor
2N6520 SAMSUNG-2N6520 Datasheet
105Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6520 FAIRCHILD-2N6520 Datasheet
70Kb / 5P
PNP Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6520 MCC-2N6520 Datasheet
427Kb / 6P
High Voltage Transistor 625mW
More results


Similar Description - 2N6520

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com