Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4372H Datasheet (PDF) - Analog Devices

MAX4372H Datasheet PDF - Analog Devices
Part # MAX4372H
Download  MAX4372H Download
File Size   1522.97 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output

MAX4372H Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4372H Datasheet PDF - Analog Devices

Part # MAX4372H
Download  MAX4372H Click to download

File Size   1522.97 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output

MAX4372H Datasheet (HTML) - Analog Devices


MAX4372H Product details

Features
●● Low-Cost, Compact Current-Sense Solution
●● 30μA Supply Current
●● 2.7V to 28V Operating Supply
●● 0.18% Full-Scale Accuracy
●● 0.3mV Input Offset Voltage
●● Low 1.5Ω Output Impedance
●● Three Gain Versions Available
• 20V/V (MAX4372T)
• 50V/V (MAX4372F)
• 100V/V (MAX4372H)
●● High Accuracy +2V to +28V Common-Mode Range,
Functional Down to 0V, Independent of Supply
Voltage
●● Available in a Space-Saving 5-Pin SOT23 Package
and 3 x 2 UCSP™ (1mm x 1.5mm) Package




Similar Part No. - MAX4372H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4372H MAXIM-MAX4372H Datasheet
225Kb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372HESA MAXIM-MAX4372HESA Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4372HEUK-T MAXIM-MAX4372HEUK-T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
More results


Similar Description - MAX4372H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com