Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4465 Datasheet (PDF) - Analog Devices

MAX4465 Datasheet PDF - Analog Devices
Part # MAX4465
Download  MAX4465 Download
File Size   282.63 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown

MAX4465 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4465 Datasheet PDF - Analog Devices

Part # MAX4465
Download  MAX4465 Click to download

File Size   282.63 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown

MAX4465 Datasheet (HTML) - Analog Devices


MAX4465 Product details

Features
 +2.4V to +5.5V Supply Voltage Operation
 Versions with 5nA Complete Shutdown Available
(MAX4467/MAX4468)
 Excellent Power-Supply Rejection Ratio: 112dB
 Excellent Common-Mode Rejection Ratio: 126dB
 High AVOL: 125dB (RL = 100kΩ)
 Rail-to-Rail Outputs
 Low 24μA Quiescent Supply Current
 Gain Bandwidth Product:
200kHz (MAX4465/MAX4467/MAX4469)
600kHz AV ≥ 5 (MAX4466/MAX4468)
 Available in Space-Saving Packages
5-Pin SC70 (MAX4465/MAX4466)
8-Pin SOT23 (MAX4467/MAX4468/MAX4469)




Similar Part No. - MAX4465

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4465 MAXIM-MAX4465 Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465EUK+T MAXIM-MAX4465EUK+T Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465EUK-T MAXIM-MAX4465EUK-T Datasheet
502Kb / 14P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4465EUK-T MAXIM-MAX4465EUK-T Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
More results


Similar Description - MAX4465

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com