Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVO7 Datasheet (PDF) - HellermannTyton.

EVO7 Datasheet PDF - HellermannTyton.
Part # EVO7
Download  EVO7 Download
File Size   68.39 Kbytes
Page   1 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Application Tooling for Cable Ties

EVO7 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVO7 Datasheet PDF - HellermannTyton.

Part # EVO7
Download  EVO7 Click to download

File Size   68.39 Kbytes
Page   1 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Application Tooling for Cable Ties

EVO7 Datasheet (HTML) - HellermannTyton.


EVO7 Product details

Features and benefits
• Ergonomic, slip-proof handle for a comfortable and secure grip
• Extremely low maintenance
• Fast and precise application with minimum effort (TLC mechanism)
• Convenient and simple tension adjustment
• Extended, slim nose for use in narrow spaces
• Housing made of resilient and lightweight glass fibre-reinforced polyester
• Standard grip span (90 mm) and short grip span (80 mm) available

Features and benefits
• Standard grip span (90 mm) and short grip span (80 mm) available
• Ergonomic, slip-proof handle for a comfortable and secure grip
• Extremely low maintenance
• Fast and precise application with minimum effort (TLC mechanism)
• Convenient and simple tension adjustment
• Integrated 3 position quick adjustment override
• Housing made of resilient and lightweight glass fibre-reinforced polyester




Similar Part No. - EVO7

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
EVO7SP HELLERMANNTYTON-EVO7SP Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
More results


Similar Description - EVO7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
APPLICATION TOOLING
logo
Molex Electronics Ltd.
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
Application Tooling
0634441004 MOLEX11-0634441004 Datasheet
26Kb / 1P
Application Tooling
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
Application Tooling
0634441425 MOLEX11-0634441425 Datasheet
26Kb / 1P
Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
Application Tooling
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
Application Tooling
logo
HellermannTyton.
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com