Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1012AV25 Datasheet (PDF) - Cypress Semiconductor

CY7C1012AV25 Datasheet PDF - Cypress Semiconductor
Part # CY7C1012AV25
Download  CY7C1012AV25 Download
File Size   320.19 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K x 24 Static RAM

CY7C1012AV25 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1012AV25 Datasheet PDF - Cypress Semiconductor

Part # CY7C1012AV25
Download  CY7C1012AV25 Click to download

File Size   320.19 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K x 24 Static RAM

CY7C1012AV25 Datasheet (HTML) - Cypress Semiconductor


CY7C1012AV25 Product details

Functional Description

The CY7C1012AV25 is a high-performance CMOS static RAM organized as 512K words by 24 bits.



Features

• High speed

— tAA = 8, 10, 12 ns

• Low active power

— 1080 mW (max.)

• Operating voltages of 2.5 ± 0.2V

• 1.5V data retention

• Automatic power-down when deselected

• TTL-compatible inputs and outputs

• Easy memory expansion with CE0, CE1 and CE2 features




Similar Part No. - CY7C1012AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1012AV33 CYPRESS-CY7C1012AV33 Datasheet
175Kb / 9P
512K x 24 Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33 Datasheet
487Kb / 13P
512 K 횞 24 Static RAM TTL-compatible inputs and outputs
CY7C1012AV33-10BGC CYPRESS-CY7C1012AV33-10BGC Datasheet
175Kb / 9P
512K x 24 Static RAM
CY7C1012AV33-10BGI CYPRESS-CY7C1012AV33-10BGI Datasheet
175Kb / 9P
512K x 24 Static RAM
CY7C1012AV33-12BGC CYPRESS-CY7C1012AV33-12BGC Datasheet
175Kb / 9P
512K x 24 Static RAM
More results


Similar Description - CY7C1012AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1012AV33 CYPRESS-CY7C1012AV33 Datasheet
175Kb / 9P
512K x 24 Static RAM
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
512K x 8 Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33_06 Datasheet
303Kb / 9P
512K x 24 Static RAM
CY7C1012DV33 CYPRESS-CY7C1012DV33 Datasheet
305Kb / 9P
12-Mbit (512K X 24) Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
512K x 8 Static RAM
CY7C1062AV25 CYPRESS-CY7C1062AV25 Datasheet
285Kb / 9P
512K x 32 Static RAM
CY62157CV30 CYPRESS-CY62157CV30 Datasheet
340Kb / 13P
512K x 16 Static RAM
CY7C1012DV33 CYPRESS-CY7C1012DV33_07 Datasheet
450Kb / 10P
12-Mbit (512K X 24) Static RAM
CY7C1012DV33 CYPRESS-CY7C1012DV33_09 Datasheet
317Kb / 11P
12-Mbit (512K X 24) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com