Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0219 Datasheet (PDF) - Proto Advantage SMD Adapter

IPC0219 Datasheet PDF - Proto Advantage SMD Adapter
Part # IPC0219
Download  IPC0219 Download
File Size   105.42 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description DFN-6/SON-6 to DIP-6 SMT Adapter (0.35 mm pitch, 1 x 1 mm body)

IPC0219 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPC0219 Datasheet PDF - Proto Advantage SMD Adapter

Part # IPC0219
Download  IPC0219 Click to download

File Size   105.42 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description DFN-6/SON-6 to DIP-6 SMT Adapter (0.35 mm pitch, 1 x 1 mm body)

IPC0219 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - IPC0219

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0210 PROTOADVANTAGE-IPC0210 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0211 PROTOADVANTAGE-IPC0211 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0212 PROTOADVANTAGE-IPC0212 Datasheet
107Kb / 2P
QFN-54 to DIP-58 SMT Adapter (0.5 mm pitch, 10 x 5.5 mm body)
revision 1.0
IPC0213 PROTOADVANTAGE-IPC0213 Datasheet
107Kb / 2P
QFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0214 PROTOADVANTAGE-IPC0214 Datasheet
108Kb / 2P
MLP-12/DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body, 4 center pads 2.1x1mm & 1.65x1mm)
revision 1.0
More results


Similar Description - IPC0219

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Alpha Wire
6066C ALPHAWIRE-6066C Datasheet
76Kb / 2P
Component 1 6 X 1 PAIR
6301 ALPHAWIRE-6301 Datasheet
79Kb / 2P
Component 1 6 X 1 PAIR
58616 ALPHAWIRE-58616 Datasheet
80Kb / 1P
Component 1 6 X 1 PAIR
logo
Schneider Electric
LDRB61M SCHNEIDER-LDRB61M Datasheet
75Kb / 2P
WIREWAY 6 x 6 RAINTIGHT - 1 FT LG
LJB61 SCHNEIDER-LJB61 Datasheet
58Kb / 2P
WIREWAY 6 x 6 - N12 - 1 ft lg
LJB601 SCHNEIDER-LJB601 Datasheet
57Kb / 2P
WIREWAY 6 x 6 - N12 - 1" Nipple
Jun 3, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com