Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0106 Datasheet (PDF) - Proto Advantage SMD Adapter

PA0106 Datasheet PDF - Proto Advantage SMD Adapter
Part # PA0106
Download  PA0106 Download
File Size   49.28 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PLCC-28/JLCC-28/LCC-28 to DIP-28 SMT Adapter (1.27 mm pitch, 12.5 x 12.5 mm body)

PA0106 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA0106 Datasheet PDF - Proto Advantage SMD Adapter

Part # PA0106
Download  PA0106 Click to download

File Size   49.28 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PLCC-28/JLCC-28/LCC-28 to DIP-28 SMT Adapter (1.27 mm pitch, 12.5 x 12.5 mm body)

PA0106 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - PA0106

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0106-S PROTOADVANTAGE-PA0106-S Datasheet
42Kb / 1P
PLCC-28/JLCC-28/LCC-28 Stencil (1.27 mm pitch, 12.5 x 12.5 mm body)
revision 1.0
logo
Norgren Ltd
PA0106015 NORGREN-PA0106015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0106025 NORGREN-PA0106025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
logo
Proto Advantage SMD Ada...
PA0106C PROTOADVANTAGE-PA0106C Datasheet
199Kb / 2P
PLCC-28/JLCC-28/LCC-28 to DIP-28 SMT Adapter (1.27 mm pitch, 12.5 x 12.5 mm body) Compact Series
revision 1.0
PA0106C-P PROTOADVANTAGE-PA0106C-P Datasheet
234Kb / 3P
PLCC-28/JLCC-28/LCC-28 (Pin 1 In) Compact Series to PGA-28 SMT Adapter (1.27 mm pitch, 12.5 x 12.5 mm body)
revision 1.0
More results


Similar Description - PA0106

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
28 Pin DIP Adapters
logo
List of Unclassifed Man...
PA28PL28D-YA ETC2-PA28PL28D-YA Datasheet
85Kb / 2P
28 PIN PLCC SOCKET ADAPTER
logo
Assmann Electronics Inc...
ADIP28-G-LC ASSMANN-ADIP28-G-LC Datasheet
343Kb / 1P
DIP connector - 28 contact
logo
List of Unclassifed Man...
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
28 pin DIP ZIF socket/28 pin PLCC plug
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
28 pin PLCC socket/28 pin PLCC plug
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
28 Pin SSOP socket/28 Pin DIP 0.6??plug
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
Aries Electronics, Inc.
18007 ARIES-18007 Datasheet
502Kb / 1P
Series 35W000 SOWIC-to-DIP Adapter ??14/28 Pins
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com