Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA3010 Datasheet (PDF) - Anpec Electronics Coropration

APA3010 Datasheet PDF - Anpec Electronics Coropration
Part # APA3010
Download  APA3010 Download
File Size   339.85 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3W Mono Low-Voltage Audio Power Amplifier

APA3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA3010 Datasheet PDF - Anpec Electronics Coropration

Part # APA3010
Download  APA3010 Click to download

File Size   339.85 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3W Mono Low-Voltage Audio Power Amplifier

APA3010 Datasheet (HTML) - Anpec Electronics Coropration


APA3010 Product details

Features
· Operating Voltage : 2.5V-5.5V
· Bridge-Tied Load (BTL) Mode Operation
· Supply Current – I
DD
=7mA at VDD
=5V
· Low Shutdown Current – I
DD
=0.1mA
· Low Distortion
– 2.5W, at VDD
=5V, BTL, RL
=3W, THD+N=0.1%
– 2.1W, at VDD
=5V, BTL, RL
=4W, THD+N=0.1%
· Output Power
at 1% THD+N
– 2.6W, at VDD
=5V, BTL, RL
=3W
– 2.3W, at VDD
=5V, BTL, RL
=4W
at 10% THD+N
–3.3W at VDD
=5V, BTL, RL
=3W
–2.7W at VDD
=5V, BTL, RL
=4W
· Depop Circuitry Integrated
· Thermal Shutdown Protection and Over-Current
Protection Circuitry
· High SupplyVoltage Ripple Rejection
· Surface-Mount Packaging
– MSOP-8P (with Enhanced Thermal Pad)
–SOP-8P (with Enhanced Thermal Pad)
–SOP-8
· Lead Free and Green Devices Available
(RoHS Compliant)

General Description
The APA3010/1 is a bridged-tied load (BTL) audio power
amplifier developed especially for low-voltage applications where internal speakers. Operating with a 5V supply,
the APA3010/1 can deliver 3.3W of continuous power into
a BTL 3W load at 10% THD+N throughout voice band
frequencies. Although this device is characterized out to
20kHz, its operation is optimized for narrow band applications such as wireless communications. The BTL configuration eliminates the need for external coupling capacitors on the output in most applications, which is particularly important for small battery-powered equipment.
This device features a shutdown mode for power sensitive applications with special depop circuitry to eliminate
speaker noise when exiting shutdown mode. The
APA3010/1 are available in a SOP-8, SOP-8P or
MSOP-8P.

Applications
· Mobil Phones
· PDAs
· Portable Electronic Devices
· Desktop Computers




Similar Part No. - APA3010

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010 KINGBRIGHT-APA3010 Datasheet
160Kb / 6P
3.0 X 1.0 MM SMD CHIP LED LAMPS
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010CGCK-GX KINGBRIGHT-APA3010CGCK-GX Datasheet
243Kb / 5P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010CGCK-GX TO-GRACE-APA3010CGCK-GX Datasheet
826Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APA3010EC KINGBRIGHT-APA3010EC Datasheet
160Kb / 6P
3.0 X 1.0 MM SMD CHIP LED LAMPS
More results


Similar Description - APA3010

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
3W mono audio power amplifier
Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com