Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1297A Datasheet (PDF) - Cypress Semiconductor

CY7C1297A Datasheet PDF - Cypress Semiconductor
Part # CY7C1297A
Download  CY7C1297A Download
File Size   162.09 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K X 18 Synchronous Burst SRAM

CY7C1297A Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1297A Datasheet PDF - Cypress Semiconductor

Part # CY7C1297A
Download  CY7C1297A Click to download

File Size   162.09 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K X 18 Synchronous Burst SRAM

CY7C1297A Datasheet (HTML) - Cypress Semiconductor


CY7C1297A Product details

Functional Description
The Cypress Synchronous Burst SRAM family employs high-speed, low-power CMOS designs using advanced double-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high-valued resistors.

Features
• Fast access times: 9 and 10 ns
• Fast clock speed: 66 and 50 MHz
• Provide high performance 2-1-1-1 access rate
• Fast OE access times: 5 and 6 ns
• Single +3.3V –5% and +10% power supply
• 5V tolerant inputs except I/Os
• Clamp diodes to VSSQ at all inputs and outputs
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Three chip enables for depth expansion and address pipeline
• Address, data, and control registers
• Internally self-timed Write Cycle
• Burst control pins (interleaved or linear burst sequence)
• Automatic power-down for portable applications
• High-density, high-speed packages
• Low-capacitive bus loading
• High 30-pF output drive capability at rated access time




Similar Part No. - CY7C1297A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297F-117AC CYPRESS-CY7C1297F-117AC Datasheet
439Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H-100AXC CYPRESS-CY7C1297H-100AXC Datasheet
354Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H-100AXI CYPRESS-CY7C1297H-100AXI Datasheet
354Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
More results


Similar Description - CY7C1297A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
64K x 32 2M Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
64K x 32 2Mb Synchronous Burst SRAM
logo
Cypress Semiconductor
CY7C1298A CYPRESS-CY7C1298A Datasheet
165Kb / 12P
64K x 18 Synchronous Burst RAM Pipelined Output
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com