Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB2215S Datasheet (PDF) - Potens Semiconductor Corp.

PDB2215S Datasheet PDF - Potens Semiconductor Corp.
Part # PDB2215S
Download  PDB2215S Download
File Size   873.54 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V Dual P-Channel MOSFETs

PDB2215S Datasheet (PDF)

Go To PDF Page Download Datasheet
PDB2215S Datasheet PDF - Potens Semiconductor Corp.

Part # PDB2215S
Download  PDB2215S Click to download

File Size   873.54 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V Dual P-Channel MOSFETs

PDB2215S Datasheet (HTML) - Potens Semiconductor Corp.


PDB2215S Product details

Features
 -20V, -3A, RDS(ON) =90mΩ@VGS = -4.5V
 Improved dv/dt capability
 Fast switching
 Green Device Available
 Suit for -1.8V Gate Drive Applications
Applications
 Notebook
 Load Switch
 Hend-Held Instruments




Similar Part No. - PDB2215S

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDB2213S POTENS-PDB2213S Datasheet
1Mb / 5P
20V Dual P-Channel MOSFETs
Ver.1.01
PDB2216S POTENS-PDB2216S Datasheet
1Mb / 5P
20V Dual N-Channel MOSFETs
Ver.1.02
More results


Similar Description - PDB2215S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSN23P09S BWTECH-MSN23P09S Datasheet
619Kb / 6P
20V P-Channel MOSFETs
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
20V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
20V NP Dual Channel MOSFETs
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
20V N P Dual Channel MOSFETs
FTK2120NPSOT563 FS-FTK2120NPSOT563 Datasheet
1Mb / 8P
20V NP Dual Channel MOSFETs
FTK2215PP FS-FTK2215PP Datasheet
1Mb / 5P
20V Dual P-Channel MOSFETs
FTK2219PP FS-FTK2219PP Datasheet
964Kb / 4P
20V Dual P Channel MOSFETs
FTK2309DFN22 FS-FTK2309DFN22 Datasheet
988Kb / 5P
20V P-Channel MOSFETs
FTK2309S FS-FTK2309S Datasheet
940Kb / 5P
20V P-Channel MOSFETs
FTK2307S FS-FTK2307S Datasheet
948Kb / 5P
20V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com