Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9776ETJ+ Datasheet (PDF) - Analog Devices

MAX9776ETJ+ Datasheet PDF - Analog Devices
Part # MAX9776ETJ+
Download  MAX9776ETJ+ Download
File Size   657.99 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier

MAX9776ETJ+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9776ETJ+ Datasheet PDF - Analog Devices

Part # MAX9776ETJ+
Download  MAX9776ETJ+ Click to download

File Size   657.99 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier

MAX9776ETJ+ Datasheet (HTML) - Analog Devices


MAX9776ETJ+ Product details

Features
♦ Unique Spread-Spectrum Modulation and Active
Emissions Limiting Significantly Reduces EMI
♦ 3D Stereo Enhancement (MAX9775 Only)
♦ Up to 3 Stereo Inputs
♦ 1.5W Stereo Speaker Output (4Ω, VDD = 5V)
♦ 50mW Mono Receiver/Stereo Headphone Outputs
(32Ω, VDD = 3.3V)
♦ High PSRR (68dB at 217Hz)
♦ 79% Efficiency (VDD = 3.3V, RL = 8Ω, POUT =
470mW)
♦ I2C Control—Input Configuration, Volume Control,
Output Mode
♦ Click-and-Pop Suppression
♦ Low Total Harmonic Distortion (0.03% at 1kHz)
♦ Current-Limit and Thermal Protection
♦ Available in Space-Saving, 36-Bump WLP (3mm x
3mm) and 32-Pin TQFN (5mm x 5mm) Packages




Similar Part No. - MAX9776ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9776ETJ+ MAXIM-MAX9776ETJ+ Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9776ETJ+ MAXIM-MAX9776ETJ+ Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
More results


Similar Description - MAX9776ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com