Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9879 Datasheet (PDF) - Maxim Integrated Products

MAX9879 Datasheet PDF - Maxim Integrated Products
Part # MAX9879
Download  MAX9879 Download
File Size   535.6 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier

MAX9879 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9879 Datasheet PDF - Maxim Integrated Products

Part # MAX9879
Download  MAX9879 Click to download

File Size   535.6 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier

MAX9879 Datasheet (HTML) - Maxim Integrated Products


MAX9879 Product details

General Description
The MAX9879 combines a high-efficiency stereo Class D audio power amplifier with a stereo capacitor-less DirectDrive® headphone amplifier. Maxim’s filterless class D amplifiers with active emissions limiting technology provide Class AB performance with Class D efficiency.
The Class D power amplifier delivers up to 715mW from a 3.7V supply into an 8Ω load with 88% efficiency to extend battery life. The filterless modulation scheme combined with active emission limiting circuitry and spread-spectrum modulation greatly reduces EMI while eliminating the need for output filtering used in traditional Class D devices.

Features
♦ Better than 9dB Margin Under EN 55022 Class B
   Limits with No Filter Components
♦ Low RF Susceptibility Design Rejects TDMA
   Noise from GSM Radios
♦ Input Mixer with User Defined Input Mode
♦ Stereo 715mW Speaker Output (RL = 8Ω,
   VDD = 3.7V)
♦ Stereo 58mW Headphone Output (16Ω,
   VDD = 3.7V)
♦ Low 0.04% THD+N at 1kHz (Class D Power
   Amplifier)
♦ Low 0.018% THD+N at 1kHz (Headphone
   Amplifier)
♦ 88% Efficiency (RL = 8Ω, POUT = 750mW)
♦ 1.6Ω Analog Switch for Speaker Amplifier Bypass
♦ High Speaker Amplifier PSRR (72dB at 217Hz)
♦ High Headphone Amplifier PSRR (84dB at 217Hz)
♦ I2C Control
♦ Hardware and Software Shutdown Mode
♦ Ultra-Low Click and Pop
♦ Robust Design with Current and Thermal
   Protection
♦ Available in Space-Saving Package
   5x6 UCSP (2.5mm x 3mm)

Applications
   Cell Phones
   Portable Multimedia Players




Similar Part No. - MAX9879

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Analog Devices
MAX9879 AD-MAX9879 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1 4/13
logo
Maxim Integrated Produc...
MAX9879ERV+ MAXIM-MAX9879ERV+ Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Similar Description - MAX9879

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com