Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9879 Datasheet (PDF) - Analog Devices

MAX9879 Datasheet PDF - Analog Devices
Part # MAX9879
Download  MAX9879 Download
File Size   575.33 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier

MAX9879 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9879 Datasheet PDF - Analog Devices

Part # MAX9879
Download  MAX9879 Click to download

File Size   575.33 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier

MAX9879 Datasheet (HTML) - Analog Devices


MAX9879 Product details

Features
 Better than 9dB Margin Under EN 55022 Class B
Limits with No Filter Components
 Low RF Susceptibility Design Rejects TDMA
Noise from GSM Radios
 Input Mixer with User Defined Input Mode
 Stereo 715mW Speaker Output (RL = 8Ω,
VDD = 3.7V)
 Stereo 58mW Headphone Output (16Ω,
VDD = 3.7V)
 Low 0.04% THD+N at 1kHz (Class D Power
Amplifier)
 Low 0.018% THD+N at 1kHz (Headphone
Amplifier)
 88% Efficiency (RL = 8Ω, POUT = 750mW)
 1.6Ω Analog Switch for Speaker Amplifier Bypass
 High Speaker Amplifier PSRR (72dB at 217Hz)
 High Headphone Amplifier PSRR (84dB at 217Hz)
 I2C Control
 Hardware and Software Shutdown Mode
 Ultra-Low Click and Pop
 Robust Design with Current and Thermal
Protection
 Available in Space-Saving Package
5x6 UCSP (2.5mm x 3mm)




Similar Part No. - MAX9879

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9879ERV+ MAXIM-MAX9879ERV+ Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879ERV+ MAXIM-MAX9879ERV+ Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Similar Description - MAX9879

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com