Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9814 Datasheet (PDF) - Analog Devices

MAX9814 Datasheet PDF - Analog Devices
Part # MAX9814
Download  MAX9814 Download
File Size   1213.88 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microphone Amplifier with AGC and Low-Noise Microphone Bias

MAX9814 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9814 Datasheet PDF - Analog Devices

Part # MAX9814
Download  MAX9814 Click to download

File Size   1213.88 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microphone Amplifier with AGC and Low-Noise Microphone Bias

MAX9814 Datasheet (HTML) - Analog Devices


MAX9814 Product details

Features
● Automatic Gain Control (AGC)
● Three Gain Settings (40dB, 50dB, 60dB)
● Programmable Attack Time
● Programmable Attack and Release Ratio
● 2.7V to 5.5V Supply Voltage Range
● Low Input-Referred Noise Density of 30nV/√Hz
● Low THD: 0.04% (typ)
● Low-Power Shutdown Mode
● Internal Low-Noise Microphone Bias, 2V
● Available in the Space-Saving, 14-Pin TDFN
(3mm x 3mm) Package
● -40°C to +85°C Extended Temperature Range




Similar Part No. - MAX9814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
MAX9814 MAXIM-MAX9814 Datasheet
309Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814 Datasheet
114Kb / 5P
Programmable Attack Time
Rev 0; 4/07
MAX9814 MAXIM-MAX9814 Datasheet
1Mb / 13P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
MAX9814EBC+T MAXIM-MAX9814EBC+T Datasheet
337Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
More results


Similar Description - MAX9814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
logo
STMicroelectronics
TS472 STMICROELECTRONICS-TS472_06 Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814ETD MAXIM-MAX9814ETD Datasheet
1Mb / 14P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
low noise microphone preamplifier with 2 V bias
26-Aug-2009
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_V01 Datasheet
1Mb / 13P
Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com