Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9820ETB+ Datasheet (PDF) - Analog Devices

MAX9820ETB+ Datasheet PDF - Analog Devices
Part # MAX9820ETB+
Download  MAX9820ETB+ Download
File Size   1339.71 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DirectDrive Headphone Amplifier with External Gain

MAX9820ETB+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9820ETB+ Datasheet PDF - Analog Devices

Part # MAX9820ETB+
Download  MAX9820ETB+ Click to download

File Size   1339.71 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DirectDrive Headphone Amplifier with External Gain

MAX9820ETB+ Datasheet (HTML) - Analog Devices


MAX9820ETB+ Product details

Features
♦ Clickless/Popless Operation
♦ High RF Noise Rejection
♦ Windows Vista Premium Mobile Compliant
♦ 2.7V to 5.5V Single-Supply Operation
♦ 95mW Output Power (32Ω, VDD = 5V)
♦ Low-Current Shutdown Mode, < 1μA
♦ Low 3mA (VDD = 3.3V) Quiescent Current
♦ Space-Saving, 3mm x 3mm, 10-Pin TDFN Package




Similar Part No. - MAX9820ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9820ETB+ MAXIM-MAX9820ETB+ Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
More results


Similar Description - MAX9820ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com