Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1316CV18 Datasheet (PDF) - Cypress Semiconductor

CY7C1316CV18 Datasheet PDF - Cypress Semiconductor
Part # CY7C1316CV18
Download  CY7C1316CV18 Download
File Size   662.26 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 18-Mbit DDR-II SRAM 2-Word Burst Architecture

CY7C1316CV18 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1316CV18 Datasheet PDF - Cypress Semiconductor

Part # CY7C1316CV18
Download  CY7C1316CV18 Click to download

File Size   662.26 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 18-Mbit DDR-II SRAM 2-Word Burst Architecture

CY7C1316CV18 Datasheet (HTML) - Cypress Semiconductor


CY7C1316CV18 Product details

Functional Description

The CY7C1316CV18, CY7C1916CV18, CY7C1318CV18, and CY7C1320CV18 are 1.8V Synchronous Pipelined SRAMs equipped with DDR-II architecture. The DDR-II consists of an SRAM core with advanced synchronous peripheral circuitry and a one-bit burst counter. Addresses for read and write are latched on alternate rising edges of the input (K) clock.



Features

■18-Mbit density (2M x 8, 2M x 9, 1M x 18, 512K x 36)

■267 MHz clock for high bandwidth

■2-word burst for reducing address bus frequency

■Double Data Rate (DDR) interfaces (data transferred at 534 MHz) at 267 MHz

■Synchronous internally self-timed writes

■DDR-II operates with 1.5 cycle read latency when the DLL is enabled

■Operates similar to a DDR-I device with 1 cycle read latency in DLL off mode

■1.8V core power supply with HSTL inputs and outputs

■Variable drive HSTL output buffers

■Expanded HSTL output voltage (1.4V–VDD)

■Available in 165-Ball FBGA package (13 x 15 x 1.4 mm)

■Offered in both Pb-free and non Pb-free packages

■JTAG 1149.1 compatible test access port

■Delay Lock Loop (DLL) for accurate data placement




Similar Part No. - CY7C1316CV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1316AV18 CYPRESS-CY7C1316AV18 Datasheet
228Kb / 20P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18-167BZC CYPRESS-CY7C1316AV18-167BZC Datasheet
228Kb / 20P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18-200BZC CYPRESS-CY7C1316AV18-200BZC Datasheet
228Kb / 20P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18-250BZC CYPRESS-CY7C1316AV18-250BZC Datasheet
228Kb / 20P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Similar Description - CY7C1316CV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1316AV18 CYPRESS-CY7C1316AV18 Datasheet
228Kb / 20P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1316JV18 CYPRESS-CY7C1316JV18 Datasheet
616Kb / 26P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
18-Mbit DDR II SRAM 2-Word Burst Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com