Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8193 Datasheet (PDF) - Analog Devices

AD8193 Datasheet PDF - Analog Devices
Part # AD8193
Download  AD8193 Download
File Size   463.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Buffered 2:1 TMDS Switch

AD8193 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8193 Datasheet PDF - Analog Devices

Part # AD8193
Download  AD8193 Click to download

File Size   463.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Buffered 2:1 TMDS Switch

AD8193 Datasheet (HTML) - Analog Devices


AD8193 Product details

GENERAL DESCRIPTION
The AD8193 is a low cost quad 2:1 TMDS® switch for high speed HDMI™/DVI video applications. Its primary function is to switch the high speed signals from one of two single-link (HDMI or DVI) sources to the single-link output. The AD8193 is a fully buffered switch solution with 50 Ω input and output terminations, providing full-swing output signal recovery and minimizing reflections for improved system signal integrity.

FEATURES
   2 inputs, 1 output HDMI/DVI high speed signal switch
   Pin-to-pin compatible with the AD8194
   Enables HDMI 1.3-compliant receiver
      4 TMDS channels per input/output
         Supports 250 Mbps to 2.25 Gbps data rates
         Supports 25 MHz to 225 MHz pixel clocks
         Fully buffered unidirectional inputs/outputs
         Supports more than 20 m of input cable at 1080i, more
            than 10 m of input cable at 1080p, and more than 6
            meters of input cable at 1080p, 12-bit color
         Matched 50 Ω input and output on-chip terminations
         Low added jitter
         Single-supply operation (3.3 V)
   Standards compliant: HDMI receiver, DVI
   32-lead, 5 mm × 5 mm, RoHS-compliant LFCSP
  
APPLICATIONS
   Advanced television (HDTV) sets
   Multiple input displays
   Projectors
   A/V receivers
   Set-top boxes




Similar Part No. - AD8193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8193 AD-AD8193 Datasheet
464Kb / 16P
Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
Buffered 2:1 TMDS Switch
REV. 0
More results


Similar Description - AD8193

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
DisplayPort 1:2 Switch With Integrated TMDS Translator
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
logo
Analog Devices
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
Buffered 2:1 TMDS Switch
REV. 0
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
Buffered 2:1 TMDS Switch Equalization
10/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com