Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ1084 Datasheet (PDF) - Diodes Incorporated

AZ1084 Datasheet PDF - Diodes Incorporated
Part # AZ1084
Download  AZ1084 Download
File Size   448.22 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A LOW DROPOUT LINEAR REGULATOR

AZ1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ1084 Datasheet PDF - Diodes Incorporated

Part # AZ1084
Download  AZ1084 Click to download

File Size   448.22 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A LOW DROPOUT LINEAR REGULATOR

AZ1084 Datasheet (HTML) - Diodes Incorporated


AZ1084 Product details

Description
The AZ1084 is a series of low dropout positive voltage regulators with
a maximum dropout of 1.5V at 5A of load current.
The series features on-chip thermal limiting which provides protection
against any combination of overload and ambient temperatures that
would create excessive junction temperatures. It also includes a
trimmed band-gap reference and a current limiting circuit.
The AZ1084 is available in 1.5V, 1.8V, 2.5V, 3.3V and 5.0V versions.
The fixed versions integrate the adjust resistors. It is also available in
an adjustable version which can set the output voltage with two
external resistors.
The AZ1084 series is available in standard packages of TO263, TO263-2, TO-220-3, TO-252-2 (3), TO-252-2 (4) and TO-252-2 (5).

Features
 Low Dropout Voltage: 1.3V Typical at 5A
 Current Limiting and Thermal Protection
 Output Current: 5A
 Current Limit: 6.5A
 Operating Junction Temperature Range: 0 to +125°C
 Line Regulation (Adj Version): 0.015% (Typical)
 Load Regulation (Adj Version): 0.1% (Typical)
 Lead-Free Packages: TO263, TO-263-2, TO-220-3, TO-252-2 (3),
TO-252-2 (4), TO-252-2 (5)
 Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
 Lead-Free Packages, Available in “Green” Molding Compound:
TO263, TO-263-2, TO-220-3, TO-252-2 (3), TO-252-2 (4), TO252-2 (5)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - AZ1084

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084 Datasheet
197Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1084C DIODES-AZ1084C Datasheet
791Kb / 22P
5A LOW DROPOUT LINEAR REGULATOR
May 2022 Rev. 4 - 2
More results


Similar Description - AZ1084

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com