Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VGT6 Datasheet (PDF) - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VGT6 Datasheet PDF - GigaDevice Semiconductor (Beijing) Inc.
Part # GD32H757VGT6
Download  GD32H757VGT6 Download
File Size   2303.38 Kbytes
Page   151 Pages
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.
Description Arm® Cortex®-M7 32-bit MCU

GD32H757VGT6 Datasheet (PDF)

Go To PDF Page Download Datasheet
GD32H757VGT6 Datasheet PDF - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VGT6
Download  GD32H757VGT6 Click to download

File Size   2303.38 Kbytes
Page   151 Pages
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.
Description Arm® Cortex®-M7 32-bit MCU

GD32H757VGT6 Datasheet (HTML) - GigaDevice Semiconductor (Beijing) Inc.


GD32H757VGT6 Product details

General description
The GD32H757xx device belongs to the high performance line of GD32 MCU family. It is a
new 32-bit general-purpose microcontroller based on the Arm® Cortex®-M7 core with best
cost-performance ratio in terms of enhanced processing capacity, reduced power
consumption and peripheral set. The Arm® Cortex®-M7 processor is a highly efficient highperformance, embedded processor that features low interrupt latency, low-cost debug, and
has backwards compatibility with existing Cortex-M profile processors. The processor has an
in-order super-scalar pipeline that means many instructions can be dual-issued, including
load/load and load/store instruction pairs because of multiple memory interfaces. The CortexM7 is a high-performance processor, which features a 6-stage superscalar pipeline with
branch prediction and an optional FPU capable of single-precision and optionally doubleprecision operations. The instruction and data buses have been enlarged to 64-bit wide over
the previous 32-bit buses. It also provides a Memory Protection Unit (MPU) and powerful
trace technology for enhanced application security and advanced debug support.
The GD32H757xx device incorporates the Arm® Cortex®-M7 32-bit processor core operating
at 600 MHz frequency with Flash security protection to prevent illegal code/data access. It
provides up to 3840 KB on-chip Flash memory, 512KB AXI SRAM and 512KB RAM shared
(ITCM/DTCM/AXI) memory. An extensive range of enhanced I/Os and peripherals connected
to four APB buses. The devices offer up to two 14-bit 4 MSPS ADCs, a 12 bit 5.3 MSPS ADC,
a 12-bit DAC, up to twelve general 16-bit timers, two 16-bit PWM advanced timers, four 32-
bit general timers, and four 16-bit basic timers, as well as standard and advanced
communication interfaces: up to six SPIs, two OSPIs, four I2Cs, four USARTs and four
UARTs, four I2Ss, three CAN-FDs, a USBHS, a ENET, two SDIOs and a MDIO. Additional
peripherals as digital camera interface (DCI), EXMC interface with SDRAM extension support,
TFT-LCD Interface (TLI), Image Processing Accelerator (IPA), Serial Audio Interface (SAI),
Receiver of Sony/Philips Digtial Interface (RSPDIF), Filter arithmetic accelerator (FAC), Realtime decryption (RTDEC) and high performance digital filter module (HPDF) are included.
The device operates from a 1.71V to 3.6V power supply and available in –40 to +85 °C
temperature range for grade 6 devices, -40 to +105 °C temperature range for grade 7 devices.
Three power saving modes provide the flexibility for maximum optimization of power
consumption, an especially important consideration in low power applications.
The above features make GD32H757xx devices suitable for a wide range of interconnection
and advanced applications, especially in areas such as industrial control, consumer and
handheld equipment, embedded modules, human machine interface, security and alarm
systems, energy storage system, graphic display, audio player, automotive navigation, drone,
IoT and so on.




Similar Part No. - GD32H757VGT6

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD32 GIGADEVICE-GD32 Datasheet
4Mb / 28P
MCU
logo
List of Unclassifed Man...
GD32C ETC2-GD32C Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
GD32C1 ETC2-GD32C1 Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GD32C1 CALIBER-GD32C1 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
List of Unclassifed Man...
GD32C3 ETC2-GD32C3 Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
More results


Similar Description - GD32H757VGT6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
XMC7100 INFINEON-XMC7100 Datasheet
2Mb / 196P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. A 2022-10-20
XMC7200 INFINEON-XMC7200 Datasheet
2Mb / 189P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. B 2022-10-21
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com