Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX6017 Datasheet (PDF) - HEXIN SEMICONDUCTOR.

HX6017 Datasheet PDF - HEXIN SEMICONDUCTOR.
Part # HX6017
Download  HX6017 Download
File Size   372.35 Kbytes
Page   10 Pages
Manufacturer  HEXIN [HEXIN SEMICONDUCTOR.]
Direct Link  http://www.hxsemi.com/en_index.asp
Logo HEXIN - HEXIN SEMICONDUCTOR.
Description High Accuracy Linear Li-Lon Battery Charger

HX6017 Datasheet (PDF)

Go To PDF Page Download Datasheet
HX6017 Datasheet PDF - HEXIN SEMICONDUCTOR.

Part # HX6017
Download  HX6017 Click to download

File Size   372.35 Kbytes
Page   10 Pages
Manufacturer  HEXIN [HEXIN SEMICONDUCTOR.]
Direct Link  http://www.hxsemi.com/en_index.asp
Logo HEXIN - HEXIN SEMICONDUCTOR.
Description High Accuracy Linear Li-Lon Battery Charger

HX6017 Datasheet (HTML) - HEXIN SEMICONDUCTOR.


HX6017 Product details

Features
 Preset 8.4V Charge Voltage with 1% 
Accuracy
 Programmable Charge Current Up to 1A

 Pre-Charging, the Charge Current is
adjustable
 Ideal for Dual-Cell(8.4V)Li-Ion Batteries
 Constant -Current Charging, the Charge
Current is adjustable
 Constant-Voltage Charging
 Constant-Current/Constant-Voltage
Charging with Temperature Monitoring
 Automatic Recharge
 Double LEDs Charge Status Indication
 Available in SOP-8L Package




Similar Part No. - HX6017

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
MDL,DUAL,1GP,1:1,SM,TU
More results


Similar Description - HX6017

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
1A Standalone Linear Li-lon Battery Charger
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
Linear Li-Lon Battery Charger High Accuracy
logo
First Silicon Co., Ltd
FC9054 FS-FC9054 Datasheet
764Kb / 8P
0.8A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com