Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EC80E5QMC1Y Datasheet (PDF) - STMicroelectronics

SPC58EC80E5QMC1Y Datasheet PDF - STMicroelectronics
Part # SPC58EC80E5QMC1Y
Download  SPC58EC80E5QMC1Y Download
File Size   1351.73 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10BASE-T1S MAC-PHY evaluation board

SPC58EC80E5QMC1Y Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC58EC80E5QMC1Y Datasheet PDF - STMicroelectronics

Part # SPC58EC80E5QMC1Y
Download  SPC58EC80E5QMC1Y Click to download

File Size   1351.73 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10BASE-T1S MAC-PHY evaluation board

SPC58EC80E5QMC1Y Datasheet (HTML) - STMicroelectronics


SPC58EC80E5QMC1Y Product details

Features
• 2x 10BASE-T1S ports:
– 1x port with PHY-MAC transceiver converting from 10BASE-T1S to SPI
– 1x port with PHY transceiver converting from 10BASE-T1S to mediaindependent interface (MII)
• The two transceivers are connected with the main board SPC58EC80E5 MCU
• The MCU firmware supports both transceivers at the same time allowing them to work in parallel
• For the transceiver with PHY, we implement a dedicated Ethernet MAC inside the MCU firmware
• The MCU firmware runs under FreeRTOS™ implementation on SPC58EC80E5
• 10BASE-T1S according to standard protocol:
– Point-to-point direct connection or multidrop topology with up-to-eight nodes
– Up to 10 Mbit/s data is transferred over a single pair of wires
– Physical layer collision avoidance (PLCA)
– Carrier sense multiple access/Collision detection (CSMA/CD) media access control
• SPSB0813 automotive power management IC (PMIC) with CAN-FD transceiver
• JTAG integrated programmer and debugger
• 5 CAN-FD transceivers (including the one integrated in the SPSB0813 PMIC)
• 1 connector for I2C/UART serial communication
• Wake up and reset buttons
• 2 general-purpose connectors (8 pins each)
• 2 SPI ports
• One plug connector to plug in an eventual daughter board, a power distribution unit (PDU)
• Reverse battery-protection dedicated circuit
• L5963 integrated DC-DC converter for potential system supply
• Compact size: 110 mm x 100 mm
• Included in the AutoDevKit ecosystem

Description
The AEK-COM-10BASET evaluation board is a powerful tool to explore various vehicle network architectures, leveraging on the new 10BASE-T1S automotive Ethernet protocol implementation and other on-board legacy automotive interfaces (CAN, CAN-FD and SPI).
This board merges the innovations brought by the new 10BASE-T1S specification with the high-performance dual-core SPC58EC80E5 chorus family microcontroller.
The AEK-COM-10BASET perfectly meets the requirements of new megatrends in the automotive industry, such as personalization, electrification, autonomy, and full connectivity, which are moving in-vehicle networks away from domain-based solutions, gravitating towards new zonal architectures.




Similar Part No. - SPC58EC80E5QMC1Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC58EC80E5 STMICROELECTRONICS-SPC58EC80E5 Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
More results


Similar Description - SPC58EC80E5QMC1Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INT5130 ETC1-INT5130 Datasheet
1Mb / 38P
Integrated Powerline MAC/PHY Transceiver
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Analog Devices
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
logo
Microchip Technology
LAN8670 MICROCHIP-LAN8670 Datasheet
575Kb / 30P
10BASE-T1S Ethernet PHY Transceiver Product Brief
logo
Analog Devices
ADIN1100 AD-ADIN1100_V01 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
logo
ON Semiconductor
EVBUM2832 ONSEMI-EVBUM2832 Datasheet
848Kb / 7P
NCN26010XMNEVB 10BASE-T1S MACPHY Evaluation Board
May, 2022 - Rev. 1
EVBUM2833 ONSEMI-EVBUM2833 Datasheet
839Kb / 11P
NCN26010XMNEVK 10BASE-T1S SPE Evaluation Kit
May, 2022 - Rev. 1
logo
TEKTRONIX, INC.
10BASE-T1S TEKTRONIX-10BASE-T1S Datasheet
11Mb / 9P
10BASE-T1S Automotive Ethernet Compliance Test Solution
5 Nov 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com