Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU3048M Datasheet (PDF) - Advanced Power Electronics Corp.

APU3048M Datasheet PDF - Advanced Power Electronics Corp.
Part # APU3048M
Download  APU3048M Download
File Size   189.28 Kbytes
Page   15 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER

APU3048M Datasheet (PDF)

Go To PDF Page Download Datasheet
APU3048M Datasheet PDF - Advanced Power Electronics Corp.

Part # APU3048M
Download  APU3048M Click to download

File Size   189.28 Kbytes
Page   15 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER

APU3048M Datasheet (HTML) - Advanced Power Electronics Corp.


APU3048M Product details

DESCRIPTION

The APU3048 IC combines a Dual synchronous Buck controller and a linear regulator controller, providing a cost-effective, high performance and flexible solution for multi-output applications. The Dual synchronous controller is configured as 2-independent PWM controller.

APU3048 provides a separate adjustable output by driving a switch as a linear regulator.



FEATURES

Dual Synchronous Controller in 16-Pin Package with 1808 out-of-phase operation

LDO Controller with 40mA drive

Configured as 2-Independent PWM Controller

Flexible, Same or Separate Supply Operation

Operation from 4V to 25V Input

Internal 200KHz Oscillator

Soft-Start controls all outputs

Fixed Frequency Voltage Mode

500mA Peak Output Drive Capability

Programmable Outputs

RoHS Compliant



APPLICATIONS

DDR Memory Source Sink Vtt Application

Graphic Card

Hard Disk Drive

Power supplies requiring multiple outputs



 




Similar Part No. - APU3048M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
More results


Similar Description - APU3048M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com