Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13325 Datasheet (PDF) - Analog Devices

MAX13325 Datasheet PDF - Analog Devices
Part # MAX13325
Download  MAX13325 Download
File Size   1682.13 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic

MAX13325 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX13325 Datasheet PDF - Analog Devices

Part # MAX13325
Download  MAX13325 Click to download

File Size   1682.13 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic

MAX13325 Datasheet (HTML) - Analog Devices


MAX13325 Product details

Features
S Comprehensive Programmability and Diagnostics
Using I2C Interface
S Autoretry Function in Stand-Alone Mode
S Drive Capacitive Loads ≤ 3nF Differentially, ≤ 4nF
to Ground
S 112dB Signal-to-Noise Ratio
S Low 0.002% THD at 4VRMS into 2.7kI Loads
S High PSRR (70dB at 1kHz)
S High CMRR (80dB at 1kHz)
S Low Output Noise (3μVRMS), MAX13326
S Excellent Channel-to-Channel Matching
S Load-Dump Transient Protection
S Protected Output Against Various Short-Circuit
Conditions
S ESD Protection for ±8kV Contact Discharge,
±15kV Air Gap
S Long-Distance Drive Capability Typically Up to
15m or Greater
S Noise-Rejecting Differential Inputs and Outputs
S Low-Power Shutdown Mode < 10μA
S Hardware or Software MUTE Function
S 28-Pin TSSOP Package with Exposed Pad




Similar Part No. - MAX13325

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13325 MAXIM-MAX13325 Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Rev 3; 6/10
MAX13325 MAXIM-MAX13325 Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
19-5136; Rev 5; 4/13
MAX13325GUI/V+ MAXIM-MAX13325GUI/V+ Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Rev 3; 6/10
MAX13325GUI/V+ MAXIM-MAX13325GUI/V+ Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
19-5136; Rev 5; 4/13
MAX13325 MAXIM-MAX13325_12 Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Rev 4; 9/12
More results


Similar Description - MAX13325

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
logo
Maxim Integrated Produc...
MAX13325 MAXIM-MAX13325 Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Rev 3; 6/10
MAX13325 MAXIM-MAX13325_12 Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Rev 4; 9/12
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
AUDIO BALANCED LINE DRIVERS
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
Audio-Balanced Line Drivers
logo
Maxim Integrated Produc...
MAX13325 MAXIM-MAX13325_V01 Datasheet
1Mb / 21P
Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
19-5136; Rev 5; 4/13
MAX13335E MAXIM-MAX13335E Datasheet
1Mb / 28P
Dual Automotive Differential Audio Receivers with I2C Control and Diagnostics
19-6168; Rev 3; 1/18
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com