Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9918 Datasheet (PDF) - Analog Devices

MAX9918 Datasheet PDF - Analog Devices
Part # MAX9918
Download  MAX9918 Download
File Size   1319.5 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers

MAX9918 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9918 Datasheet PDF - Analog Devices

Part # MAX9918
Download  MAX9918 Click to download

File Size   1319.5 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers

MAX9918 Datasheet (HTML) - Analog Devices


MAX9918 Product details

Features
●● Reduce Protective Clamping for High Inductive
Kickback Voltage
• -20V to +75V Input Common-Mode Voltage Range
●● Supports Wide Range of Precision AC and DC
Current Sensing Applications
• Uni- or Bidirectional Current Sensing
• 0.6% (max) Gain Accuracy Error
• 400μV (max) Input Offset Voltage
• 120kHz, -3dB Bandwidth (MAX9919N)
• Reference Input for Bidirectional OUT
• Rail-to-Rail Output
●● Saves Board Space
• 8-Pin SOIC Package
• Single-Supply Operation (4.5V to 5.5V)
●● AEC-Q100 Qualified (MAX9918ASA/V+,
MAX9919FASA/V+, MAX9919NASA/V+,
MAX9920ASA/V+ Only)




Similar Part No. - MAX9918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9918 MAXIM-MAX9918 Datasheet
107Kb / 7P
Fully Assembled and Tested
Rev 0; 4/09
More results


Similar Description - MAX9918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
-0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com