Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9934 Datasheet (PDF) - Analog Devices

MAX9934 Datasheet PDF - Analog Devices
Part # MAX9934
Download  MAX9934 Download
File Size   860.79 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing

MAX9934 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9934 Datasheet PDF - Analog Devices

Part # MAX9934
Download  MAX9934 Click to download

File Size   860.79 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing

MAX9934 Datasheet (HTML) - Analog Devices


MAX9934 Product details

Features
 Input Offset Voltage: 10μV (max)
 Gain Error Less than 0.25%
 -0.1V to +5.5V Input Common-Mode Voltage
Range
 Chip Select Allows Multiplexing Several MAX9934
Current Monitors to One ADC
 Current Output Allows ROUT Selection
for Gain Flexibility
 Single Supply Operation: 2.5V to 3.6V
 Two Gain Options: GM of 25μA/mV (MAX9934T)
and 5μA/mV (MAX9934F)
 Bidirectional or Unidirectional Operation
 Small, 6-Bump UCSP (1mm x 1.5mm x 0.6mm)
and 8-Pin μMAX Packages




Similar Part No. - MAX9934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934 MAXIM-MAX9934 Datasheet
1,009Kb / 22P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 0; 10/09
MAX9934 MAXIM-MAX9934 Datasheet
921Kb / 6P
Fully Assembled and Tested
Rev 0; 7/10
MAX9934F MAXIM-MAX9934F Datasheet
921Kb / 6P
Fully Assembled and Tested
Rev 0; 7/10
MAX9934FALT+T MAXIM-MAX9934FALT+T Datasheet
1,009Kb / 22P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 0; 10/09
MAX9934FART+T MAXIM-MAX9934FART+T Datasheet
1,009Kb / 22P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 0; 10/09
More results


Similar Description - MAX9934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934 MAXIM-MAX9934 Datasheet
1,009Kb / 22P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 0; 10/09
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
Precision High Voltage Current Sense Amplifier
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
INA180 TI1-INA180 Datasheet
1Mb / 30P
Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 32P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com