Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9937 Datasheet (PDF) - Analog Devices

MAX9937 Datasheet PDF - Analog Devices
Part # MAX9937
Download  MAX9937 Download
File Size   1831.57 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current-Sense Amplifier with Reverse-Battery Protection

MAX9937 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9937 Datasheet PDF - Analog Devices

Part # MAX9937
Download  MAX9937 Click to download

File Size   1831.57 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Current-Sense Amplifier with Reverse-Battery Protection

MAX9937 Datasheet (HTML) - Analog Devices


MAX9937 Product details

Features
●● Reverse Battery and Load-Dump Protection
-20V to +40V
●● +4V to +28V Input Common-Mode Range
●● Flexible EMI Filtering
●● Low VOS: ±1.2mV (max)
●● Low VOS Drift : 1μV/°C (typ)
●● 20μA Supply Current
●● 350kHz, 3dB Small-Signal Bandwidth




Similar Part No. - MAX9937

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9937 MAXIM-MAX9937 Datasheet
280Kb / 6P
Lead(Pb)-Free and RoHS Compliant
Rev 1; 5/15
MAX9937 MAXIM-MAX9937 Datasheet
1Mb / 11P
Current-Sense Amplifier with Reverse-Battery Protection
2014
MAX9937AXK+T MAXIM-MAX9937AXK+T Datasheet
1Mb / 11P
Current-Sense Amplifier with Reverse-Battery Protection
2014
MAX9937EVKIT MAXIM-MAX9937EVKIT Datasheet
280Kb / 6P
Lead(Pb)-Free and RoHS Compliant
Rev 1; 5/15
MAX9937EVKIT+ MAXIM-MAX9937EVKIT+ Datasheet
280Kb / 6P
Lead(Pb)-Free and RoHS Compliant
Rev 1; 5/15
More results


Similar Description - MAX9937

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
6CWQ10FN SMC-6CWQ10FN Datasheet
166Kb / 5P
Reverse battery protection
SK54A SMC-SK54A Datasheet
151Kb / 6P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
Reverse battery protection
SL520A SMC-SL520A Datasheet
147Kb / 5P
Reverse battery protection
STF20H100C SMC-STF20H100C Datasheet
177Kb / 5P
Reverse battery protection
STF30100S SMC-STF30100S Datasheet
141Kb / 4P
Reverse battery protection
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
Battery Output Current Sense Protection IC
logo
Maxim Integrated Produc...
MAX9937 MAXIM-MAX9937 Datasheet
1Mb / 11P
Current-Sense Amplifier with Reverse-Battery Protection
2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com