Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4459 Datasheet (PDF) - Monolithic Power Systems

MP4459 Datasheet PDF - Monolithic Power Systems
Part # MP4459_V01
Download  MP4459 Download
File Size   428.51 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 4MHz, 36V Step-Down Converter

MP4459 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4459 Datasheet PDF - Monolithic Power Systems

Part # MP4459_V01
Download  MP4459 Click to download

File Size   428.51 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 4MHz, 36V Step-Down Converter

MP4459 Datasheet (HTML) - Monolithic Power Systems


MP4459 Product details

DESCRIPTION
The MP4459 is a high frequency step-down switching regulator with an integrated internal high-side high voltage power MOSFET. It provides 1.5A output with current mode control for fast loop response and easy compensation.
The wide 3.8V to 36V input range accommodates a variety of step-down applications, including those in automotive systems. A 120μA operational quiescent current is suitable for use in battery-powered applications.
The frequency foldback helps prevent inductor current runaway during startup and thermal shutdown provides reliable, fault tolerant operation.
In some applications, such as AM radio and ADSL applications, in which the device is sensitive to frequency band, the MP4459 can avoid the related EMI problem by setting the frequency at 4MHz.
The MP4459 is available in thin 10-pin 3mm x 3mm TQFN package.

FEATURES
• 120μA Quiescent Current
• Wide 3.8V to 36V Operating Input Range
• 150mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching Frequency
• Ceramic Capacitor Stable
• Internal Soft-Start
• Precision Current Limit without a Current Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 30V
• Available in 10-Pin 3x3mm TQFN Package

APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems




Similar Part No. - MP4459_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4459DQT MPS-MP4459DQT Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
More results


Similar Description - MP4459_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com