Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ28164GD-P Datasheet (PDF) - Monolithic Power Systems

MPQ28164GD-P Datasheet PDF - Monolithic Power Systems
Part # MPQ28164GD-P
Download  MPQ28164GD-P Download
File Size   1558.44 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches

MPQ28164GD-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ28164GD-P Datasheet PDF - Monolithic Power Systems

Part # MPQ28164GD-P
Download  MPQ28164GD-P Click to download

File Size   1558.44 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches

MPQ28164GD-P Datasheet (HTML) - Monolithic Power Systems


MPQ28164GD-P Product details

DESCRIPTION
The MPQ28164 is a high-efficiency, lowquiescent current, buck-boost converter that operates from an input voltage above, equal to, or below the output voltage. The MPQ28164 provides a compact solution for products powered by one-cell Lithium-ion or multi-cell alkaline batteries where the output voltage is within the battery voltage range.
The MPQ28164 uses current-mode control with a fixed PWM frequency for optimal stability and transient response. The fixed 2MHz switching frequency and integrated low RDS(ON) MOSFETs minimize the solution footprint while maintaining high efficiency.
To ensure the longest possible battery life, the MPQ28164 uses an optional pulse-kipping
mode that reduces the switching frequency under light-load conditions. For other low-noise applications where pulse-skipping mode may cause interference, a high-logic input on the MODE/SYNC pin guarantees fixed-frequency PWM operation under all load conditions.
The MPQ28164 operates with an input voltage from 1.2V to 5.5V to provide an adjustable output voltage from 1.5V to 5V. With an input from 2.5V to 5.5V, the device can supply 2A of current to the load with a 3.3V output voltage.
The MPQ28164 is available in a small QFN-11 2mmx3mm) package.

FEATURES
 1.8V Minimum Start-Up Input Voltage
 1.2V to 5.5V Input Work Range
 1.5V to 5V Output Range
 4.2A Switching Current Limit
 3.3V/2A Load Capability from a 2.5V to 5.5V Input Supply
 2MHz Fixed or External Synchronous Switching Frequency
 Selectable PSM and PWM Mode
 Typical 25μA Quiescent Current
 High Efficiency up to 95%
 Load Disconnect during Shutdown
 Internal Soft Start (SS) and Compensation
 Power Good Indicator
 Hiccup Mode for Short-Circuit Protection (SCP)
 Over-Temperature Protection (OTP)
 Available in a Small QFN-11 (2mmx3mm) Package

APPLICATIONS
 Battery-Powered Devices
 Portable Instruments
 Tablet PCs
 Super-Cap Chargers




Similar Part No. - MPQ28164GD-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
MPQ28261DL MPS-MPQ28261DL Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
MPQ28261DL MPS-MPQ28261DL Datasheet
343Kb / 6P
21V, 3A 500kHz Synchronous Step-down Converter EV Board
More results


Similar Description - MPQ28164GD-P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
Intersil Corporation
ISL91108 INTERSIL-ISL91108 Datasheet
387Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
November 12, 2014
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Renesas Technology Corp
ISL91108 RENESAS-ISL91108 Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com