Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1019229 Datasheet (PDF) - SICK AG

1019229 Datasheet PDF - SICK AG
Part # 1019229
Download  1019229 Download
File Size   418.38 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description COMPACT PHOTOELECTRIC SENSORS

1019229 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019229 Datasheet PDF - SICK AG

Part # 1019229
Download  1019229 Click to download

File Size   418.38 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description COMPACT PHOTOELECTRIC SENSORS

1019229 Datasheet (HTML) - SICK AG


1019229 Product details

Features
Functional principle Photoelectric proximity sensor
Functional principle detail Background suppression
Dimensions (W x H x D) 27 mm x 92 mm x 70 mm
Housing design (light emission) Rectangular
Sensing range max. 100 mm ... 2,500 mm
Sensing range 100 mm ... 2,500 mm
Type of light Infrared light
Light source LED
Light spot size (distance) Ø 80 mm (2,500 mm)
Adjustment Potentiometer




Similar Part No. - 1019229

ManufacturerPart #DatasheetDescription
logo
SICK AG
1019224 SICK-1019224 Datasheet
2Mb / 7P
PHOTOELECTRIC SENSORS
More results


Similar Description - 1019229

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL2000-R5300 SICK-WL2000-R5300 Datasheet
507Kb / 6P
COMPACT PHOTOELECTRIC SENSORS
2019-01-28 13:26:15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com