Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BEF-AP-W16 Datasheet (PDF) - SICK AG

BEF-AP-W16 Datasheet PDF - SICK AG
Part # BEF-AP-W16
Download  BEF-AP-W16 Download
File Size   732.64 Kbytes
Page   11 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SMALL PHOTOELECTRIC SENSORS

BEF-AP-W16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BEF-AP-W16 Datasheet PDF - SICK AG

Part # BEF-AP-W16
Download  BEF-AP-W16 Click to download

File Size   732.64 Kbytes
Page   11 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description SMALL PHOTOELECTRIC SENSORS

BEF-AP-W16 Datasheet (HTML) - SICK AG


BEF-AP-W16 Product details

Features
Functional principle Photoelectric proximity sensor
Functional principle detail Background suppression, NarrowBeam
Sensing range
Sensing range min. 10 mm
Sensing range max. 500 mm
Adjustable switching threshold for background suppression 100 mm ... 500 mm
Reference object Object with 90% remission factor (complies with standard white according to DIN 5033)
Minimum distance between set sensing range and background (black 6% / white 90%) 11 mm, at a distance of 250 mm
Recommended sensing range for the best performance 100 mm ... 300 mm
Emitted beam
Light source PinPoint LED
Type of light Visible red light
Shape of light spot Point-shaped
Light spot size (distance) Ø 3 mm (200 mm)
Maximum dispersion of the emitted beam around the standardized transmission axis (squint angle) < +/- 1.0° (at Ta = +23 °C)




Similar Part No. - BEF-AP-W16

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-AP-W16 SICK-BEF-AP-W16 Datasheet
749Kb / 11P
W16 SMALL PHOTOELECTRIC SENSORS
2024-03-11 19:27:33
More results


Similar Description - BEF-AP-W16

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com