Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-489 Datasheet (PDF) - Dwyer Instruments,

A-489 Datasheet PDF - Dwyer Instruments,
Part # A-489
Download  A-489 Download
File Size   456.65 Kbytes
Page   1 Pages
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,
Description COMPACT LOW DIFFERENTIAL PRESSURE SWITCHES Set Points from 0.07 to 20 in w.c. Repetitive Accuracy within 3%

A-489 Datasheet (PDF)

Go To PDF Page Download Datasheet
A-489 Datasheet PDF - Dwyer Instruments,

Part # A-489
Download  A-489 Click to download

File Size   456.65 Kbytes
Page   1 Pages
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,
Description COMPACT LOW DIFFERENTIAL PRESSURE SWITCHES Set Points from 0.07 to 20 in w.c. Repetitive Accuracy within 3%

A-489 Datasheet (HTML) - Dwyer Instruments,


A-489 Product details

BENEFITS/FEATURES
• Compact size and repeatability, provides a high-value switch for many industrial and OEM applications
• Wide range of models from 0.07 in w.c. to 20 in w.c. can meet exacting OEM specifications for a low pressure switch
• Range screw protected inside enclosure provides simplifies making adjustments but prevents tampering

APPLICATIONS
• Air conditioning refrigeration coil icing detection; defrost cycle initiation
• Clogged filter detection
• Variable air volume controller




Similar Part No. - A-489

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
A-489 DWYER-A-489 Datasheet
1Mb / 2P
LOW DIFFERENTIAL PRESSURE SWITCH
11/19
A-489 DWYER-A-489 Datasheet
311Kb / 1P
DIGIHELIC® DIFFERENTIAL PRESSURE CONTROLLER 3-in-1 Differential Pressure Controller
More results


Similar Description - A-489

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
76053 HONEYWELL-ACC-76053 Datasheet
127Kb / 2P
Set Points from 0.5 to 150 psi
logo
Advanced Thermal Soluti...
PTB-1000 ATS-PTB-1000 Datasheet
513Kb / 1P
DIFFERENTIAL PRESSURE TRANSDUCER BOARD FOR HIGHLY ACCURATE MEASUREMENTS WITHIN ELECTRONIC SYSTEMS
R2_0215
logo
TE Connectivity Ltd
MEAS-U5600 TEC-MEAS-U5600 Datasheet
138Kb / 4P
Enhanced Pressure Accuracy
U5600 TEC-U5600 Datasheet
138Kb / 4P
Enhanced Pressure Accuracy
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
Ranging accuracy to within 10cm
logo
Maxim Integrated Produc...
MAX77839WEVKIT MAXIM-MAX77839WEVKIT Datasheet
853Kb / 10P
Sense Points for High-Accuracy Measurements
Rev 0; 12/20
MAX77504WEVKIT MAXIM-MAX77504WEVKIT Datasheet
1Mb / 8P
Sense Points for High-Accuracy Measurements
Rev 0; 11/19
MAX77324EVKIT MAXIM-MAX77324EVKIT Datasheet
880Kb / 7P
Sense Points for High-Accuracy Measurements
Rev 0; 5/18
logo
Greystone Energy System...
PS-HALP GREYSTONE-PS-HALP Datasheet
442Kb / 2P
HIGH ACCURACY LOW PRESSURE TRANSMITTER
logo
E+E Elektronik Ges.m.b....
EE610 EPLUSE-EE610 Datasheet
1Mb / 8P
Low Differential Pressure Sensor
03-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com