Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6370 Datasheet (PDF) - Analog Devices

LT6370 Datasheet PDF - Analog Devices
Part # LT6370
Download  LT6370 Download
File Size   2558.71 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier

LT6370 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6370 Datasheet PDF - Analog Devices

Part # LT6370
Download  LT6370 Click to download

File Size   2558.71 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 25μV, 0.3μV/°C, Low Noise Instrumentation Amplifier

LT6370 Datasheet (HTML) - Analog Devices


LT6370 Product details

FEATURES
nn Single Gain Set Resistor: G = 1 to >1000
nn Excellent DC Precision
nn Input Offset Voltage: 25μV Max
nn Input Offset Voltage Drift: 0.3μV/°C Max
nn Low Gain Error: 0.01% Max (G = 1)
nn Low Gain Drift: 30ppm/°C Max (G > 1)
nn High DC CMRR: 94dB Min (G = 1)
nn Input Bias Current: 400pA Max
nn 3.1MHz –3dB Bandwidth (G = 1)
nn Low Noise:
nn 0.1Hz to 10Hz Noise: 0.2μVP-P
nn 1kHz Voltage Noise: 7nV/√Hz
nn Integrated Input RFI Filter
nn Wide Supply Range 4.75V to 35V
nn Specified Temperature Ranges:
–40°C to 85°C, –40°C to 125°C
nn MS8, S8E and 10-pin 3mm × 3mm DFN Packages




Similar Part No. - LT6370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT6370 AD-LT6370 Datasheet
2Mb / 28P
Precision Instrumentation Amplifier with Level Shift and Output Clamping
More results


Similar Description - LT6370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01 Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Analog Devices
OP227 AD-OP227 Datasheet
481Kb / 16P
Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
10/02-Data Sheet changed from REV. 0 to REV. A.
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
logo
Texas Instruments
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
logo
Analog Devices
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com