Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6372-0.2 Datasheet (PDF) - Analog Devices

LT6372-0.2 Datasheet PDF - Analog Devices
Part # LT6372-0.2
Download  LT6372-0.2 Download
File Size   2765.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Funneling Instrumentation Amplifier with Level Shift and Output Clamping

LT6372-0.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6372-0.2 Datasheet PDF - Analog Devices

Part # LT6372-0.2
Download  LT6372-0.2 Click to download

File Size   2765.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Funneling Instrumentation Amplifier with Level Shift and Output Clamping

LT6372-0.2 Datasheet (HTML) - Analog Devices


LT6372-0.2 Product details

FEATURES
n Single Gain Set Resistor: G = 0.2 to >200
n Excellent DC Precision
n Input Offset Voltage: 60μV Max
n Input Offset Voltage Drift: 0.6μV/°C Max
n Low Gain Error: 0.012% Max (G = 0.2)
n Low Gain Drift: 35ppm/°C Max (G > 0.2)
n High DC CMRR: 80dB Min (G = 0.2)
n Integrated Output Clamps
n Integrated Output Level Shift
n Input Bias Current: 800pA Max
n 4MHz –3dB Bandwidth (G = 0.2)
n Low Noise:
n 0.1Hz to 10Hz Noise: 0.2μVP-P
n 1kHz Voltage Noise: 7nV/√Hz
n Integrated Input RFI Filter
n Wide Supply Range 4.75V to 35V
n Temperature Ranges: –40°C to 85°C and –40°C to 125°C
n MS16E and 20-Lead 3mm × 4mm QFN Packages




Similar Part No. - LT6372-0.2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT6372-0.2 AD-LT6372-0.2 Datasheet
2Mb / 28P
Precision Instrumentation Amplifier with Level Shift and Output Clamping
More results


Similar Description - LT6372-0.2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
LT6372-1 AD-LT6372-1 Datasheet
2Mb / 28P
Precision Instrumentation Amplifier with Level Shift and Output Clamping
logo
Texas Instruments
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com