Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX35101EHJ+ Datasheet (PDF) - Analog Devices

MAX35101EHJ+ Datasheet PDF - Analog Devices
Part # MAX35101EHJ+
Download  MAX35101EHJ+ Download
File Size   1482.07 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Time-to-Digital Converter with Analog Front-End

MAX35101EHJ+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX35101EHJ+ Datasheet PDF - Analog Devices

Part # MAX35101EHJ+
Download  MAX35101EHJ+ Click to download

File Size   1482.07 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Time-to-Digital Converter with Analog Front-End

MAX35101EHJ+ Datasheet (HTML) - Analog Devices


MAX35101EHJ+ Product details

Features
●● High Accuracy Flow Measurement for Billing
and Leak Detection
• Time-to-Digital Accuracy Down to 20ps
• Measurement Range Up to 8ms
• Two Channels: Single-Stop Channel
●● High Accuracy Temperature Measurement for
Precise Heat and Flow Calculations
• Up to Four (4) 2-Wire Sensors
• PT1000 and PT500 RTD Support
●● Maximizes Battery Life with Low Device and
Overall System Power
• Low 10μA ToF measurement and < 125nA
Duty-Cycled Temperature Measurement
• Event Timing Mode Reduces Host μC
●● Overhead to Minimize System Power Consumption
• 2.3V to 3.6V Single-Supply Operation
●● High-Integration Solution Minimizes Parts Count
and Reduces BOM Cost
• 8KB of Nonvolatile Flash Memory for Data Logging
• Built-in Real Time Clock
• Small, 5mm x 5mm, 32-Pin TQFP Package
• -40°C to +85°C Operation




Similar Part No. - MAX35101EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
More results


Similar Description - MAX35101EHJ+

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
VSP2560 TI1-VSP2560 Datasheet
670Kb / 32P
CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2582 TI1-VSP2582 Datasheet
780Kb / 28P
CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560 TI1-VSP2560_14 Datasheet
1Mb / 7P
CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Maxim Integrated Produc...
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com