Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7521 Datasheet (PDF) - STMicroelectronics

TDA7521 Datasheet PDF - STMicroelectronics
Part # TDA7521
Download  TDA7521 Download
File Size   95.13 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Analog Front End

TDA7521 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7521 Datasheet PDF - STMicroelectronics

Part # TDA7521
Download  TDA7521 Click to download

File Size   95.13 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Analog Front End

TDA7521 Datasheet (HTML) - STMicroelectronics


TDA7521 Product details

TDA7521 is a BiCMOS analog front end for CD applications. Four input signals (AC*, BD*, E* and F*), coming from the pick-up (whose laser diode is driven and controlled by the device itself), are preamplified by a programmable voltage-to-voltage or current-tovoltage stage, depending on the used pick-up. The output signals from the preamplifier stage (AC, BD, E, F and HF, a radio frequency signal obtained by combining the photo-detector outputs as A+B+C+D) are fed to an 8-bit HF ADC (for HF, which carries encoded audio data) and a 6-bit Servo ADC (for AC, BD, E and F, used for focusing, tracking the laser beam and controlling revolution speed). All these signals are digitized, multiplexed, synchronized with the external clock (768×Fs or 394×Fs, Fs=44.1KHz) and fed to the digital counterpart in one only digital stream (AC/HF/BD/HF/E/HF/F/HF). Two stereo DACs convert the input bitstreams from TDA7522.

All the clock signals (for ADCs and DACs) are generated by a low-jitter PLL-based clock manager. All TDA7521’s analog preprocessing is controlled by TDA7522 by means of an UART interface (which implements an I2C-like protocol). Housed in a TQFP 44, 10×10mm package, TDA7521 features the functions shown in figure below.

TDA7521 uses the HF4CMOS technology and is supplied @5Vdc.




Similar Part No. - TDA7521

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7522 STMICROELECTRONICS-TDA7522 Datasheet
183Kb / 23P
Digital Servo & Decoder
May-1998
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
AM/FM car radio Front-End receiver for IF sampling tuners
28-Jun-2006
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529TR STMICROELECTRONICS-TDA7529TR Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
More results


Similar Description - TDA7521

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
Modem Analog Front End
March 2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com