Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7521 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7521
Description  Analog Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7521 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7521 Datasheet HTML 1Page - STMicroelectronics TDA7521 Datasheet HTML 2Page - STMicroelectronics TDA7521 Datasheet HTML 3Page - STMicroelectronics TDA7521 Datasheet HTML 4Page - STMicroelectronics TDA7521 Datasheet HTML 5Page - STMicroelectronics TDA7521 Datasheet HTML 6Page - STMicroelectronics TDA7521 Datasheet HTML 7Page - STMicroelectronics TDA7521 Datasheet HTML 8Page - STMicroelectronics TDA7521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TDA7521
2/11
Figure 1. TDA7521 Block Diagram
1.0 HARDWARE DESCRIPTION
1.1 Clock source and generation
The master clock to operate the device is 768
×Fs (High Frequency mode, HFM) or 384×Fs (Low Frequen-
cy mode, LFM). Fs=44.1KHz for CD applications. In either case, the clock is generated by TDA7522: an
internal low-jitter Charge-Pump PLL (CPPLL) and a Finite State Machine (FSM) synthesize all the needed
clocks for the internal blocks: a 512
×Fs for the DAC and three 384×Fs (HFM) or 192×Fs (LFM), with dif-
ferent phases for ADCs and output digital multiplexer. The required loop filter network is made up of a
160pF capacitor from FILT to GND_pll in parallel with the series of a 10nF and a 4K
Ω resistor. All clock-
related setups are communicated to TDA7521 via UART interface.
1.2 Voltage references
REFIN is an internal voltage reference generated by a resistor divider between VCC_dac and VSS_dac.
Nominal value (with VCC_dac=5V) is REFIN=2.5V. Careful filtering of this pin is essential; recommended
value of external capacitor is 47
µF paralleled with 100nF ceramic. REFOUT is a 2.5V (nominal) buffered
output to bias the pickup. All the internal voltage references for ADCs and DACs are generated by band-
gap-based circuits, thus allowing to reduce the noise induced by the power supply.
AC
BD
E
F
SDA
SCL
LD MD
DL
DR
OUTL
OUTR
Control I/F
Laser
Driver
Stereo
DAC
RF
ADC
Servo
ADC
RF
ADC
I/V
I/V
I/V
I/V
Output MUX
d0
d1
d2
d3
d4
d5
d6/OF
d7/UF
SYNC
HF MON
REF
Gen
REF IN
REF OUT
PON
REXT
CLOCK
Mgr
CKIN
FILT
MUTEL MUTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com