Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7521 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7521
Description  Analog Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7521 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7521 Datasheet HTML 1Page - STMicroelectronics TDA7521 Datasheet HTML 2Page - STMicroelectronics TDA7521 Datasheet HTML 3Page - STMicroelectronics TDA7521 Datasheet HTML 4Page - STMicroelectronics TDA7521 Datasheet HTML 5Page - STMicroelectronics TDA7521 Datasheet HTML 6Page - STMicroelectronics TDA7521 Datasheet HTML 7Page - STMicroelectronics TDA7521 Datasheet HTML 8Page - STMicroelectronics TDA7521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
PRODUCT PREVIEW
This is preliminary information on a new product now in development. Details are subject to change without notice.
TDA7521
Analog Front End
TDA7521 is a BiCMOS analog front end for CD appli-
cations. Four input signals (AC*, BD*, E* and F*),
coming from the pick-up (whose laser diode is driven
and controlled by the device itself), are preamplified
by a programmable voltage-to-voltage or current-to-
voltage stage, depending on the used pick-up. The
output signals from the preamplifier stage (AC, BD, E,
F and HF, a radio frequency signal obtained by com-
bining the photo-detector outputs as A+B+C+D) are
fed to an 8-bit HF ADC (for HF, which carries encoded
audio data) and a 6-bit Servo ADC (for AC, BD, E and
F, used for focusing, tracking the laser beam and con-
trolling revolution speed). All these signals are digi-
tized, multiplexed, synchronized with the external
clock (768
×Fs or 394×Fs, Fs=44.1KHz) and fed to the
digital counterpart in one only digital stream (AC/HF/
BD/HF/E/HF/F/HF). Two stereo DACs convert the in-
put bitstreams from TDA7522.
All the clock signals (for ADCs and DACs) are generated by a low-jitter PLL-based clock manager. All
TDA7521’s analog preprocessing is controlled by TDA7522 by means of an UART interface (which imple-
ments an I2C-like protocol). Housed in a TQFP 44, 10
×10mm package, TDA7521 features the functions
shown in figure below.
TDA7521 uses the HF4CMOS technology and is supplied @5Vdc.
May 1998
TQFP44
(10 x 10 x 1.40 mm body)


Similar Part No. - TDA7521

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7522 STMICROELECTRONICS-TDA7522 Datasheet
183Kb / 23P
Digital Servo & Decoder
May-1998
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
AM/FM car radio Front-End receiver for IF sampling tuners
28-Jun-2006
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529TR STMICROELECTRONICS-TDA7529TR Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
More results

Similar Description - TDA7521

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
Modem Analog Front End
March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com