Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7092 Datasheet (PDF) - STMicroelectronics

TEA7092 Datasheet PDF - STMicroelectronics
Part # TEA7092
Download  TEA7092 Download
File Size   261.98 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TELEPHONE ANALOG FRONT END

TEA7092 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA7092 Datasheet PDF - STMicroelectronics

Part # TEA7092
Download  TEA7092 Click to download

File Size   261.98 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TELEPHONE ANALOG FRONT END

TEA7092 Datasheet (HTML) - STMicroelectronics


TEA7092 Product details

DESCRIPTION
The TEA7092is a Telephoneset Analog Front End (TAFE) interface intended for use in conjunction with a microcontroller.
In this configurationthe TEA7092 provides a worldwide telephone set with loudhearing and melody ringer on loudspeaker.An handsfreetelephoneset can be built by adding the TEA7540 handsfree controller.

SPEECH
■ DC LINE CURRENT RANGE FROM 6 TO 120mA
■ EXTERNALLY ADJUSTABLE :
    - Tx AND Rx GAIN
    - MAXIMUM TRANSMIT LEVEL
    - RETURN LOSS
    - SIDETONE NETWORKS
    - Tx AND Rx AGC (LINE CURRENT START UP VALUE AND SLOPE)
■ SOFTCLIPPING ON Tx CHANNEL
■ SQUELCHON Tx CHANNEL TO REDUCE NOISE ENVIRONMENT AND TO IMPROVE HOWLING IMMUNITY IN LOUDHEARING MODE
■ RECEIVING AMPLIFIER FOR PIEZO AND ELECTRODYNAMIC TRANSDUCERS
■ FREQUENCY GENERATOR FOR WAITING MELODY
■ ERROR BEEP GENERATOR
■ HOLD LINE CURRENT DETECTOR FOR TRANSFER/AUTO RELEASE FEATURE
■ PROGRAMMABLE BY MICROCONTROLLER SERIAL BUS :
    - -6dB ON Tx CHANNEL
    - +6dB ON Rx CHANNEL
    - AGC INHIBITION ON Tx AND Rx CHANNELS FOR PABX USE
    - SQUELCH INHIBITION

GROUP LISTENING / ON HOOK DIALING
■ ANTI-HOWLING WITH ACOUSTIC FEEDBACK SYSTEM COUPLED TO SQUELCH
■ RING MELODY CONTROL AND ERROR BEEP GENERATORS
■ PROGRAMMABLE BY MICROCONTROLLER SERIAL BUS :
    - DIGITAL VOLUME CONTROL (7 STEPS OF 4dB EACH) AND OFF MODE

HANDFREE INTERFACE
■ PINS AND SOFTWARE FACILITY FOR EASY INTERCONNECTION WITH HANDSFREE CONTROLLER I.C. LIKE TEA7540

RING ON LOUDSPEAKER
■ EMBEDDED SWITCH MODE POWER SUPPLY DRIVER TO FEED THE LOUDSPEAKER AMPLIFIER DURING RING MODE
■ PROGRAMMABLE BY MICROCONTROLLER SERIAL BUS :
    - DIGITAL VOLUME CONTROL (15 STEPS OF 4dB EACH) AND OFF MODE
    - RING FREQUENCY GENERATOR (MORE THAN 200 FREQUENCIES AVAILABLE)

DIALING
■ PROGRAMMABLE BY MICROCONTROLLER SERIAL BUS :
    - DTMF GENERATOR
    - 2V DC LINE VOLTAGE DURING THE MAKE PERIOD IN PULSE MODE

MICROCONTROLLER INTERFACE
■ 3.5V STABILIZED SUPPLY
■ TWO WIRES SERIAL BUS INTERFACE
■ RING INDICATOR
■ PON LINE CURRENT INDICATOR
■ RESET SIGNAL
■ LINE CURRENT VARIATION INDICATOR (FOR TRANSFER FEATURE)
■ OSCILLATOR WITH STAND BY MODE

CORDLESS AND ANSWERING MACHINE INTERFACE
■ SELF BIASED LOUDSPEAKER AMPLIFIER AND MICROCONTROLLER INTERFACE FOR ANSWERING MACHINE
■ SIGNAL INPUT AND OUTPUT INTERFACE FOR CORDLESS
■ VRMC SUPPLY CAN BE EXTERNALLY FORCED TO 5V FOR EASY INTERFACE WITH A MAIN POWERED MICROCONTROLLER




Similar Part No. - TEA7092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
574Kb / 57P
TELEPHONE SET INTEGRATED CIRCUIT
More results


Similar Description - TEA7092

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
TEA7091 STMICROELECTRONICS-TEA7091 Datasheet
139Kb / 7P
TELEPHONE ANALOG FRONT END
Sep-1993
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com