Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC5864 Datasheet (PDF) - OCX semiconductor

OC5864 Datasheet PDF - OCX semiconductor
Part # OC5864
Download  OC5864 Download
File Size   576.18 Kbytes
Page   8 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description 0.6A, 60V, 500kHz Step-down Converter

OC5864 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC5864 Datasheet PDF - OCX semiconductor

Part # OC5864
Download  OC5864 Click to download

File Size   576.18 Kbytes
Page   8 Pages
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor
Description 0.6A, 60V, 500kHz Step-down Converter

OC5864 Datasheet (HTML) - OCX semiconductor


OC5864 Product details

Features
 Peak output current of 0.6A
 Internal power MOSFET of 0.9Ω
 Start-up with large output capacitor
 Low ESR ceramic capacitor for stable output
 Efficiency up to 90%
 Fixed 500kHz frequency
 Thermal shutdown
 Cycle-by-cycle overcurrent protection
 Wide input voltage range: 5.5~60V
 SOT23-6 package




Similar Part No. - OC5864

ManufacturerPart #DatasheetDescription
logo
OCX semiconductor
OC5820 OCX-OC5820 Datasheet
582Kb / 10P
2.5A, 40V step-down converter
logo
Laird Tech Smart Techno...
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
UV Stable polycarbonate radome
OC58509-FNF LSTD-OC58509-FNF Datasheet
1Mb / 2P
UV Stable polycarbonate radome
OC58509-FNM LSTD-OC58509-FNM Datasheet
1Mb / 2P
UV Stable polycarbonate radome
More results


Similar Description - OC5864

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2612E SEMTECH-SC2612E Datasheet
215Kb / 11P
500kHz Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3451 EUTECH-EUP3451 Datasheet
114Kb / 1P
3A,30V,500KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
5A, 32V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
5A,30V,500KHz Step-Down Converter
logo
Monolithic Power System...
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com