Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT1000 Datasheet (PDF) - Infinite Electronics International, Inc.

FMBT1000 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMBT1000
Download  FMBT1000 Download
File Size   524.69 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Bias Tee From 500 MHz to 10 GHz Rated To 700 mA And 50 Volts DC

FMBT1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT1000 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMBT1000
Download  FMBT1000 Click to download

File Size   524.69 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Bias Tee From 500 MHz to 10 GHz Rated To 700 mA And 50 Volts DC

FMBT1000 Datasheet (HTML) - Infinite Electronics International, Inc.


FMBT1000 Product details

Features:
• RF Connector: SMA Female
• RF Connector Impedance: 50 Ohms
• DC/RF Connector: SMA Female
• DC/RF Connector
Impedance: 50 Ohms
• DC Port: Pin




Similar Part No. - FMBT1000

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT1015 FCI-FMBT1015 Datasheet
70Kb / 2P
PNP Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
More results


Similar Description - FMBT1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1603 PASTERNACK-PE1603 Datasheet
220Kb / 3P
1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1619 PASTERNACK-PE1619 Datasheet
212Kb / 3P
0.03 MHz to 70 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1622 PASTERNACK-PE1622 Datasheet
351Kb / 3P
500 MHz to 40 GHz 2.92mm Bias Tee Rated To 1000 mA And 50 Volts DC
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com