Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT1633 Datasheet (PDF) - Infinite Electronics International, Inc.

FMBT1633 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMBT1633
Download  FMBT1633 Download
File Size   700.42 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 50 KHz to 18 GHz SMA Broadband Bias Tee, Rated to 750 mA and 25 Volts, DC SMA Connector

FMBT1633 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT1633 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMBT1633
Download  FMBT1633 Click to download

File Size   700.42 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 50 KHz to 18 GHz SMA Broadband Bias Tee, Rated to 750 mA and 25 Volts, DC SMA Connector

FMBT1633 Datasheet (HTML) - Infinite Electronics International, Inc.


FMBT1633 Product details

Features:
• General Purpose
Broadband Bias Tee
• 50 KHz to 18 GHz
Frequency Range
• Insertion Loss: 1 dB Typ
• Isolation: 50 dB typ
• VSWR: 1.4:1 typ
• 50 Ohms Input and
Output Matched
• SMA Female RF Input Connector
• SMA Female RF Output Connector
• DC Connector: SMA Female
• Operational Temperature:
+15°C to +30°C
• Rating: 0.75A max DC Current
and +25V max DC Voltage




Similar Part No. - FMBT1633

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMBT1630 FAIRVIEW-FMBT1630 Datasheet
688Kb / 4P
10 MHz to 12 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC SMA Connector
REV 1 A
FMBT1631 FAIRVIEW-FMBT1631 Datasheet
687Kb / 4P
50 KHz to 12.4 GHz SMA Broadband Bias Tee, Male Input, Rated to 750 mA and 25 Volts, DC SMA Connector
REV 1 A
FMBT1632 FAIRVIEW-FMBT1632 Datasheet
702Kb / 4P
50 KHz to 18 GHz SMA Broadband Bias Tee, Rated to 750 mA and 25 Volts, DC Pin
REV 1 A
FMBT1634 FAIRVIEW-FMBT1634 Datasheet
683Kb / 4P
50 KHz to 18 GHz SMA Broadband Bias Tee, Male Input, Rated to 750 mA and 25 Volts, DC BNC Connector
REV 1 A
FMBT1635 FAIRVIEW-FMBT1635 Datasheet
688Kb / 4P
50 KHz to 18 GHz SMA Broadband Bias Tee, Male Input, Rated to 750 MHz and 25 Volts, DC SMA Connector
REV 1 A
More results


Similar Description - FMBT1633

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1603 PASTERNACK-PE1603 Datasheet
220Kb / 3P
1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1619 PASTERNACK-PE1619 Datasheet
212Kb / 3P
0.03 MHz to 70 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com