Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT1641 Datasheet (PDF) - Infinite Electronics International, Inc.

FMBT1641 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMBT1641
Download  FMBT1641 Download
File Size   698.52 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 12 KHz to 40 GHz, 2.92mm Broadband Bias Tee, Male Input, Rated to 150 mA and 16 Volts, DC Pin

FMBT1641 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT1641 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMBT1641
Download  FMBT1641 Click to download

File Size   698.52 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 12 KHz to 40 GHz, 2.92mm Broadband Bias Tee, Male Input, Rated to 150 mA and 16 Volts, DC Pin

FMBT1641 Datasheet (HTML) - Infinite Electronics International, Inc.


FMBT1641 Product details

Features:
• General Purpose
Wideband Bias Tee
• 12 KHz to 40 GHz
Frequency Range
• Insertion Loss: 1.5 dB Typ
• Isolation: 60 dB typ
• VSWR: 1.5:1 typ
• 50 Ohms Input and
Output Matched
• 2.92mm Male RF Input Connector
• 2.92mm Female RF
Output Connector
• DC Connector: Solder Post Pin
• Operational Temperature:
+15°C to +30°C
• Rating: 150 mA max DC Current
and +16V max DC Voltage




Similar Part No. - FMBT1641

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMBT1640 FAIRVIEW-FMBT1640 Datasheet
691Kb / 4P
12 KHz to 40 GHz 2.92mm Broadband Bias Tee, Male Input, Rated to 150 mA and 16 Volts, DC SMA Connector
REV 1 A
FMBT1642 FAIRVIEW-FMBT1642 Datasheet
394Kb / 4P
12 KHz to 40 GHz, 2.92mm Broadband Bias Tee, Male Input, Rated to 150 mA nad 16 Volts, DC BNC Connector
B
FMBT1643 FAIRVIEW-FMBT1643 Datasheet
701Kb / 4P
12 KHz to 40 GHz, 2.92mm Broadband Bias Tee, Rated 150 mA and 16 Volts, DC Pin
REV 1 A
FMBT1644 FAIRVIEW-FMBT1644 Datasheet
710Kb / 4P
12 KHz to 40 GHz, 2.92mm Broadband Bias Tee, Rated 150 mA and 16 Volts, DC SMA Connector
REV 1 A
FMBT1645 FAIRVIEW-FMBT1645 Datasheet
698Kb / 4P
12 KHz to 40 GHz, 2.92mm Broadband Bias Tee, Rated 150 mA and 16 Volts, DC BNC Connector
REV 1 A
More results


Similar Description - FMBT1641

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1603 PASTERNACK-PE1603 Datasheet
220Kb / 3P
1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1621 PASTERNACK-PE1621 Datasheet
351Kb / 3P
10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1622 PASTERNACK-PE1622 Datasheet
351Kb / 3P
500 MHz to 40 GHz 2.92mm Bias Tee Rated To 1000 mA And 50 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com