Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM9003B Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.

RM9003B Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Part # RM9003B_V01
Download  RM9003B Download
File Size   708.0 Kbytes
Page   8 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description LED constant current control chip

RM9003B Datasheet (PDF)

Go To PDF Page Download Datasheet
RM9003B Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.

Part # RM9003B_V01
Download  RM9003B Click to download

File Size   708.0 Kbytes
Page   8 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description LED constant current control chip

RM9003B Datasheet (HTML) - Shaanxi Reactor Microelectronics Co., Ltd.


RM9003B Product details

General Description :
RM9003B is a one_stage LED constant
current driving control chip which
Compatible with silicon controlled dimmer
application.Output current stay a constant
in the range of 5m~100mA as once set by
external SENSE resistor.
It has the advantages of simpler system
structure fewer peripheral components
and simpler circuit.

Applications :
 LED Fluorescent tube T5/T8/T10…
 LED Bulb/Corn light/Candle lamp…
 Other small power LED lighting…

Features: Simpler peripheral circuit without
magnetic components
 Chips can be used in series or parallel
application
 Chips and LED can be welded inthesame PCB board
 Output current can be set by external
resistor
 Application circuit has no EMI
problems
 Built_in 500V high voltage MOS Over temperature regulation
 Package:ESOP8、TO252、SOT89-3




Similar Part No. - RM9003B_V01

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9003B_18W REACTOR-RM9003B_18W Datasheet
197Kb / 2P
High-voltage linear 220V/18W/external T8 tube light scheme
More results


Similar Description - RM9003B_V01

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM2082C LINKAGE-SM2082C Datasheet
4Mb / 12P
Single channel LED constant current drive control chip
SM2082ED LINKAGE-SM2082ED Datasheet
2Mb / 13P
Single channel LED constant current drive control chip
SM2082EG LINKAGE-SM2082EG Datasheet
2Mb / 13P
Dual channel LED linear constant current control chip
SM2082EK LINKAGE-SM2082EK Datasheet
3Mb / 14P
Dual channel LED linear constant current control chip
SM2082G LINKAGE-SM2082G Datasheet
2Mb / 13P
Single channel LED linear constant current control chip
SM2082GF LINKAGE-SM2082GF Datasheet
2Mb / 11P
Single channel LED linear constant current control chip
logo
Shenzhen Huazhimei Semi...
HM6289A HMSEMI-HM6289A Datasheet
744Kb / 8P
high-power LED constant current drive control chip
HM9851 HMSEMI-HM9851 Datasheet
587Kb / 7P
LED constant current drive control chip
HM7142 HMSEMI-HM7142 Datasheet
599Kb / 6P
Single channel constant current LED control chip
HM7162A HMSEMI-HM7162A Datasheet
734Kb / 11P
Single channel LED linear constant current control chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com