Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR02X1002FAL Datasheet (PDF) - Richtek Technology Corporation

MR02X1002FAL Datasheet PDF - Richtek Technology Corporation
Part # MR02X1002FAL
Download  MR02X1002FAL Download
File Size   2757.81 Kbytes
Page   83 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Functional Safety PMIC for Automotive Camera Sensors/ Modules

MR02X1002FAL Datasheet (PDF)

Go To PDF Page Download Datasheet
MR02X1002FAL Datasheet PDF - Richtek Technology Corporation

Part # MR02X1002FAL
Download  MR02X1002FAL Click to download

File Size   2757.81 Kbytes
Page   83 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Functional Safety PMIC for Automotive Camera Sensors/ Modules

MR02X1002FAL Datasheet (HTML) - Richtek Technology Corporation


MR02X1002FAL Product details

General Description
The RTQ2079-QF is a highly integrated PMIC designed
for automotive camera applications. It includes three
step-down converters, one high PSRR low-dropout
(LDO) regulator, and one general low-dropout (LDO)
regulator.
The high-voltage step-down converter operates with an
input voltage range of up to 24V and is capable of
sustaining a 36V load dump. It is suitable for a direct
connection to a 12V battery or Power Over Coaxial
(PoC) connection.
The RTQ2079-QF offers overvoltage and undervoltage
monitors, two error input receivers, one error output
indicator, and fault status reported by I2C for system
fault reporting purpose.
The device offers system design flexibility with I2C or
factory-trimmed configurable functions, including
adjustable output voltage for each channel,
customizable power-on sequencing, and overvoltage
(OV) or undervoltage (UV) monitor threshold voltage.
The RTQ2079-QF is available in a WET-WQFN-24AL
4x4 package with wettable flanks.
The recommended junction temperature range is −40C
to 125C, and the ambient temperature range is −40C
to 125C.

Applications
⚫ Function Safety Related Automotive Camera
Modules
⚫ Surround View Cameras
⚫ Front View Cameras
⚫ Rear View Cameras
⚫ Dash Cams
⚫ Driver Monitoring Systems
⚫ Cabin Monitors
⚫ eMirrors

Features
⚫ AEC-Q100 Grade 1 Qualified
⚫ Compliance with ISO 26262 ASIL B
⚫ Power-On Built-In Self-Test (BIST) for OV/UV
Monitors, I2C Cyclic Redundancy Check (CRC),
and OTP Register CRC Protection
⚫ Three Step-Down Converters (HVBuck1,
LVBuck2, and LVBuck3) with Peak-Current Mode
PWM Operation and PSM Mode for Sentry Mode
via I
2C Setting
⚫ Fixed Switching Frequency at 2.1MHz
⚫ EMI Reduction Features including Spread
Spectrum and Phase-Shift Operation
⚫ HVBuck1 Supports Input Voltage from 4V to
24V with Load Dump Protection (36V for 
400ms Transient), Adjustable Output Voltage,
and up to 1.5A Output Current
⚫ LVBuck2 and LVBuck3 Support Input Voltage
from 2.7V to 5V, Adjustable Output Voltage,
and up to 1.5A Output Current
⚫ Pins Related to LVBuck2/LVBuck3 Can Float if
the Channel is Unused
⚫ Two Low-Dropout Regulators (LDO1 and LDO2)
⚫ LDO1 with 2.7V to 5V Input Voltage, Adjustable
Output Voltage, up to 0.3A Output Current, and
High PSRR with 0.1A Output Current (60dB at
100kHz, 40dB at 1MHz)
⚫ LDO2 with 2.7V to 5V Input Voltage, Adjustable
Output Voltage, and up to 0.4A Output Current
⚫ Input and Output Functions
⚫ Sequence Control for External IC via SEQOUT
⚫ Power Status Indication via PGOOD
⚫ Error Status Indication via ERROUT
⚫ Two Error Signal Receivers via
ERRIN1/ERRIN2
⚫ External Voltage Monitor via VMONIN
⚫ Small Form Factor
⚫ Wettable WET-WQFN-24AL 4x4 Package with
Compact BOM
⚫ Junction Temperature Range: −40C to 125C
⚫ Ambient Temperature Range: −40C to 125C




Similar Part No. - MR02X1002FAL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
MR02X WALSIN-MR02X Datasheet
236Kb / 8P
Automotive grade AEC Q200 qualified with 100% CCD visual inspection
MR02X472-FAL WALSIN-MR02X472-FAL Datasheet
236Kb / 8P
Automotive grade AEC Q200 qualified with 100% CCD visual inspection
MR02X472-FGL WALSIN-MR02X472-FGL Datasheet
236Kb / 8P
Automotive grade AEC Q200 qualified with 100% CCD visual inspection
MR02X472-JAL WALSIN-MR02X472-JAL Datasheet
236Kb / 8P
Automotive grade AEC Q200 qualified with 100% CCD visual inspection
MR02X472-JGL WALSIN-MR02X472-JGL Datasheet
236Kb / 8P
Automotive grade AEC Q200 qualified with 100% CCD visual inspection
More results


Similar Description - MR02X1002FAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
Automotive Camera PMIC
TPS650330-Q1 TI-TPS650330-Q1_V01 Datasheet
1Mb / 9P
TPS650330-Q1 Automotive Camera PMIC
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Infineon Technologies A...
TLF35584QVHSX INFINEON-TLF35584QVHSX Datasheet
2Mb / 6P
OPTIREG??PMIC TLF35584QVHSx Functional Safety PMIC
Rev 1.0 2021-05-28
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Texas Instruments
TPS650330-Q1 TI-TPS650330-Q1_V02 Datasheet
1Mb / 10P
TPS650330-Q1 Automotive Camera PMIC
REVISED DECEMBER 2021
logo
Infineon Technologies A...
TLF35585QVS01 INFINEON-TLF35585QVS01 Datasheet
553Kb / 10P
Functional safety PMIC
Rev. 1.0 2023-02-03
logo
Texas Instruments
TPS650320-Q1 TI1-TPS650320-Q1 Datasheet
1Mb / 13P
TPS650320-Q1 Automotive Camera PMIC
AUGUST 2023
TPS650330-Q1 TI1-TPS650330-Q1_V03 Datasheet
1Mb / 13P
TPS650330-Q1 Automotive Camera PMIC
REVISED FEBRUARY 2023
TPS650331-Q1 TI-TPS650331-Q1 Datasheet
1Mb / 9P
TPS650331-Q1 Automotive Camera PMIC
SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com